Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2732AF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M2732AF6
Description  NMOS 32K 4K x 8 UV EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2732AF6 Datasheet(HTML) 1 Page - STMicroelectronics

  M2732AF6 Datasheet HTML 1Page - STMicroelectronics M2732AF6 Datasheet HTML 2Page - STMicroelectronics M2732AF6 Datasheet HTML 3Page - STMicroelectronics M2732AF6 Datasheet HTML 4Page - STMicroelectronics M2732AF6 Datasheet HTML 5Page - STMicroelectronics M2732AF6 Datasheet HTML 6Page - STMicroelectronics M2732AF6 Datasheet HTML 7Page - STMicroelectronics M2732AF6 Datasheet HTML 8Page - STMicroelectronics M2732AF6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AI00780B
12
A0-A11
Q0-Q7
VCC
M2732A
GVPP
E
VSS
8
Figure 1. Logic Diagram
M2732A
NMOS 32K (4K x 8) UV EPROM
FAST ACCESS TIME: 200ns
EXTENDED TEMPERATURE RANGE
SINGLE 5V SUPPLY VOLTAGE
LOW STANDBY CURRENT: 35mA max
INPUTS and OUTPUTS TTL COMPATIBLE
DURING READ and PROGRAM
COMPLETELY STATIC
DESCRIPTION
The M2732A is a 32,768 bit UV erasable and
electrically programmable memory EPROM. It is
organized as 4,096 words by 8 bits. The M2732A
with its single 5V power supply and with an access
time of 200 ns, is ideal suited for applications where
fast turn around and pattern experimentation one
important requirements.
The M2732A is honsed in a 24 pin Window Ceramic
Frit-Seal Dual-in-Line package. The transparent lid
allows the user to expose the chip to ultraviolet light
to erase the bit pattern. A new pattern can be then
written to the clerice by following the programming
procedure.
A0 - A11
Address Inputs
Q0 - Q7
Data Outputs
E
Chip Enable
GVPP
Output Enable / Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
1
24
FDIP24W (F)
July 1994
1/9


Similar Part No. - M2732AF6

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
More results

Similar Description - M2732AF6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
NTE2732A NTE-NTE2732A Datasheet
45Kb / 6P
Integrated Circuit 32K (4K x 8) NMOS UV Erasable PROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
8,192 x 8-BIT NMOS UV/OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com