Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2732AF6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M2732AF6
Description  NMOS 32K 4K x 8 UV EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2732AF6 Datasheet(HTML) 6 Page - STMicroelectronics

  M2732AF6 Datasheet HTML 1Page - STMicroelectronics M2732AF6 Datasheet HTML 2Page - STMicroelectronics M2732AF6 Datasheet HTML 3Page - STMicroelectronics M2732AF6 Datasheet HTML 4Page - STMicroelectronics M2732AF6 Datasheet HTML 5Page - STMicroelectronics M2732AF6 Datasheet HTML 6Page - STMicroelectronics M2732AF6 Datasheet HTML 7Page - STMicroelectronics M2732AF6 Datasheet HTML 8Page - STMicroelectronics M2732AF6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Symbol
Parameter
Test Condition
Min
Max
Units
ILI
Input Leakage Current
VIL
≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
E = VIL, G = VIL
125
mA
IPP
Program Current
E = VIL, G = VPP
30
mA
VIL
Input Low Voltage
–0.1
0.8
V
VIH
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.45
V
VOH
Output High Voltage
IOH = –400
µA
2.4
V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 7. Programming Mode DC Characteristics (1)
(TA = 25
°C; VCC = 5V ± 5%; VPP = 21V ± 0.5V)
Symbol
Alt
Parameter
Test Condition
Min
Max
Units
tAVEL
tAS
Address Valid to Chip Enable
Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVPHEL
tOES
VPP High to Chip Enable Low
2
µs
tVPL1VPL2
tPRT
VPP Rise Time
50
ns
tELEH
tPW
Chip Enable Program Pulse
Width
45
55
ms
tEHQX
tDH
Chip Enable High to Input
Transition
2
µs
tEHVPX
tOEH
Chip Enable High to VPP
Transition
2
µs
tVPLEL
tVR
VPP Low to Chip Enable Low
2
µs
tELQV
tDV
Chip Enable Low to Output
Valid
E = VIL, G = VIL
1
µs
tEHQZ
tDF
Chip Enable High to Output
Hi-Z
0
130
ns
tEHAX
tAH
Chip Enable High to Address
Transition
0ns
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 8. Programming Mode AC Characteristics (1)
(TA = 25
°C; VCC = 5V ± 5%; VPP = 21V ± 0.5V)
6/9
M2732A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com