Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2732AF6 Datasheet (PDF) - STMicroelectronics

M2732AF6 Datasheet PDF - STMicroelectronics
Part # M2732AF6
Download  M2732AF6 Download
File Size   92.54 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 32K 4K x 8 UV EPROM

M2732AF6 Datasheet (PDF)

Go To PDF Page Download Datasheet
M2732AF6 Datasheet PDF - STMicroelectronics

Part # M2732AF6
Download  M2732AF6 Click to download

File Size   92.54 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 32K 4K x 8 UV EPROM

M2732AF6 Datasheet (HTML) - STMicroelectronics


M2732AF6 Product details

DESCRIPTION
The M2732A is a 32,768 bit UV erasable and electrically programmable memory EPROM. It is organized as 4,096 words by 8 bits. The M2732A with its single 5V power supply and with an access time of 200 ns, is ideal suited for applications where fast turn around and pattern experimentation one important requirements.

FAST ACCESS TIME: 200ns
EXTENDED TEMPERATURE RANGE
SINGLE 5V SUPPLY VOLTAGE
LOW STANDBY CURRENT: 35mA max
INPUTS and OUTPUTS TTL COMPATIBLE
DURING READ and PROGRAM
COMPLETELY STATIC




Similar Part No. - M2732AF6

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
More results


Similar Description - M2732AF6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
NTE2732A NTE-NTE2732A Datasheet
45Kb / 6P
Integrated Circuit 32K (4K x 8) NMOS UV Erasable PROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
8,192 x 8-BIT NMOS UV/OTP EPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com