Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C320 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27C320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C320 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27C320 Datasheet HTML 7Page - STMicroelectronics M27C320 Datasheet HTML 8Page - STMicroelectronics M27C320 Datasheet HTML 9Page - STMicroelectronics M27C320 Datasheet HTML 10Page - STMicroelectronics M27C320 Datasheet HTML 11Page - STMicroelectronics M27C320 Datasheet HTML 12Page - STMicroelectronics M27C320 Datasheet HTML 13Page - STMicroelectronics M27C320 Datasheet HTML 14Page - STMicroelectronics M27C320 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
M27C320
On-Board Programming
The M27C320 can be directly programmed in the
application circuit. See the relevant Application
Note AN620.
Electronic Signature
The Electronic Signature (ES) mode allows the
reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode
is intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
The ES mode is functional in the 25
°C ± 5°C am-
bient temperature range that is required when pro-
gramming the M27C320. To activate the ES
mode, the programming equipment must force
11.5V to 12.5V on address line A9 of the
M27C320, with VPP=VCC=5V. Two identifier bytes
may then be sequenced from the device outputs
by toggling address line A0 from VIL to VIH. All oth-
er address lines must be held at VIL during Elec-
tronic Signature mode.
Byte 0 (A0=VIL) represents the manufacturer code
and byte 1 (A0=VIH) the device identifier code. For
the STMicroelectronics M27C320, these two iden-
tifier bytes are given in Table 4 and can be read-
out on outputs Q0 to Q7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com