Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C320 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C320 Datasheet HTML 1Page - STMicroelectronics M27C320 Datasheet HTML 2Page - STMicroelectronics M27C320 Datasheet HTML 3Page - STMicroelectronics M27C320 Datasheet HTML 4Page - STMicroelectronics M27C320 Datasheet HTML 5Page - STMicroelectronics M27C320 Datasheet HTML 6Page - STMicroelectronics M27C320 Datasheet HTML 7Page - STMicroelectronics M27C320 Datasheet HTML 8Page - STMicroelectronics M27C320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
PRELIMINARY DATA
September 1998
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M27C320
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
s
5V
± 10% SUPPLY VOLTAGE in READ
OPERATION
s
FAST ACCESS TIME: 80ns
s
BYTE-WIDE or WORD-WIDE
CONFIGURABLE
s
32 Mbit MASK ROM REPLACEMENT
s
LOW POWER CONSUMPTION
– Active Current 70mA at 8MHz
– Stand-by Current 100mA
s
PROGRAMMING VOLTAGE: 12V
± 0.25V
s
PROGRAMMING TIME: 100
µs/byte
(typical)(PRESTO III Algorithm)
s
ELECTRONIC SIGNATURE:
– Manufacturer Code 0020h
– Device Code: 0032h
DESCRIPTION
The M27C320 is a 32 Mbit EPROM offered in the
OTP range (one time programmable). It is ideally
suited for microprocessor systems requiring large
data or program storage. It is organised as either
4 MWords of 8 bit or 2 MWords of 16 bit. The pin-
out is compatible with the 32 Mbit Mask ROM.
The M27C320 is offered in TSOP48 (12 x 20mm)
and SO44 packages.
44
1
SO44 (M)
TSOP48 (N)
12 x 20 mm
Figure 1. Logic Diagram
AI02152
21
A0-A20
GVPP
Q0-Q14
VCC
M27C320
BYTE
E
VSS
15
Q15A–1
Table 1. Signal Names
A0-A20
Address Inputs
Q0-Q7
Data Outputs
Q8-Q14
Data Outputs
Q15A–1
Data Output / Address Input
E
Chip Enable
GVPP
Output Enable / Program Supply
BYTE
Byte-Wide Select
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M27C320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C322 STMICROELECTRONICS-M27C322 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27C322-100B1 STMICROELECTRONICS-M27C322-100B1 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27C322-100B3 STMICROELECTRONICS-M27C322-100B3 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27C322-100B6 STMICROELECTRONICS-M27C322-100B6 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
More results

Similar Description - M27C320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27V320 STMICROELECTRONICS-M27V320 Datasheet
144Kb / 15P
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
14-Mar-2005
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com