Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C320 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M27C320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C320 Datasheet(HTML) 3 Page - STMicroelectronics

  M27C320 Datasheet HTML 1Page - STMicroelectronics M27C320 Datasheet HTML 2Page - STMicroelectronics M27C320 Datasheet HTML 3Page - STMicroelectronics M27C320 Datasheet HTML 4Page - STMicroelectronics M27C320 Datasheet HTML 5Page - STMicroelectronics M27C320 Datasheet HTML 6Page - STMicroelectronics M27C320 Datasheet HTML 7Page - STMicroelectronics M27C320 Datasheet HTML 8Page - STMicroelectronics M27C320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
M27C320
DEVICE OPERATION
The operating modes of the M27C320 are listed in
the Operating Modes Table. A single power supply
is required in the read mode. All inputs are TTL
compatible except for VPP and 12V on A9 for the
Electronic Signature.
Read Mode
The M27C320 has two organisations, Word-wide
and Byte-wide. The organisation is selected by the
signal level on the BYTE pin. When BYTE is at VIH
the Word-wide organisation is selected and the
Q15A–1 pin is used for Q15 Data Output. When
the BYTE pin is at VIL the Byte-wide organisation
is selected and the Q15A–1 pin is used for the Ad-
dress Input A–1. When the memory is logically re-
garded as 16 bit wide, but read in the Byte-wide
organisation, then with A–1 at VIL the lower 8 bits
of the 16 bit data are selected and with A–1 at VIH
the upper 8 bits of the 16 bit data are selected.
The M27C320 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. In addition the Word-wide or
Byte-wide organisation must be selected.
Chip Enable (E) is the power control and should be
used for device selection. Output Enable (G) is the
output control and should be used to gate data to
the output pins independent of device selection.
Assuming that the addresses are stable, the ad-
dress access time (tAVQV) is equal to the delay
from E to output (tELQV). Data is available at the
output after a delay of tGLQV from the falling edge
of G, assuming that E has been low and the ad-
dresses have been stable for at least tAVQV-tGLQV.
Standby Mode
The M27C320 has standby mode which reduces
the supply current from 50mA to 100
µA. The
M27C320 is placed in the standby mode by apply-
ing a CMOS high signal to the E input. When in the
standby mode, the outputs are in a high imped-
ance state, independent of the G input.
Table 3. Operating Modes
Note: X = VIH or VIL,VID = 12V ± 0.5V.
Table 4. Electronic Signature
Note: Outputs Q8-Q15 are set to ’0’.
Mode
E
GVPP
BYTE
A9
Q0-Q7
Q8-Q14
Q15A–1
Read Word-wide
VIL
VIL
VIH
X
Data Out
Data Out
Data Out
Read Byte-wide Upper
VIL
VIL
VIL
X
Data Out
Hi-Z
VIH
Read Byte-wide Lower
VIL
VIL
VIL
X
Data Out
Hi-Z
VIL
Output Disable
VIL
VIH
X
X
Hi-Z
Hi-Z
Hi-Z
Program
VIL Pulse
VPP
VIH
X
Data In
Data In
Data In
Program Inhibit
VIH
VPP
VIH
X
Hi-Z
Hi-Z
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Hi-Z
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
Codes
Codes
Code
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
001
000
00
20h
Device Code
VIH
001
100
10
32h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com