Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C320 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27C320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C320 Datasheet(HTML) 2 Page - STMicroelectronics

  M27C320 Datasheet HTML 1Page - STMicroelectronics M27C320 Datasheet HTML 2Page - STMicroelectronics M27C320 Datasheet HTML 3Page - STMicroelectronics M27C320 Datasheet HTML 4Page - STMicroelectronics M27C320 Datasheet HTML 5Page - STMicroelectronics M27C320 Datasheet HTML 6Page - STMicroelectronics M27C320 Datasheet HTML 7Page - STMicroelectronics M27C320 Datasheet HTML 8Page - STMicroelectronics M27C320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M27C320
2/15
Figure 2B. TSOP Pin Connections
AI02154
M27C320
12
1
13
24
25
36
37
48
GVPP
Q0
Q8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
Q7
A12
A16
BYTE
Q15A–1
Q5
Q2
Q3
VCC
Q11
Q4
Q14
A9
A19
A18
A4
A20
A7
Q1
Q9
A6
A5
Q6
Q13
A11
A10
Q10
Q12
A17
A8
VSS
VCC
VSS
VSS
VSS
Figure 2A. SO Pin Connections
Warning : NC = Not Connected.
GVPP
Q0
Q8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
Q7
A12
A16
BYTE
Q15A–1
Q5
Q2
Q3
VCC
Q11
Q4
Q14
A9
A19
A18
A4
NC
A20
A7
AI02153
M27C320
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
Q1
Q9
A6
A5
Q6
Q13
44
39
38
37
36
35
34
33
A11
A10
Q10
21
Q12
40
43
1
42
41
A17
A8
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC
voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns.
3. Depends on range.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com