Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF2912
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2912 Datasheet(HTML) 5 Page - Texas Instruments

  REF2912_08 Datasheet HTML 1Page - Texas Instruments REF2912_08 Datasheet HTML 2Page - Texas Instruments REF2912_08 Datasheet HTML 3Page - Texas Instruments REF2912_08 Datasheet HTML 4Page - Texas Instruments REF2912_08 Datasheet HTML 5Page - Texas Instruments REF2912_08 Datasheet HTML 6Page - Texas Instruments REF2912_08 Datasheet HTML 7Page - Texas Instruments REF2912_08 Datasheet HTML 8Page - Texas Instruments REF2912_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REF2912, 2920, 2925, 2930, 2933, 2940
5
SBVS033B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = +5V power supply, REF2925 is used for typical characteristics, unless otherwise noted.
OUTPUT IMPEDANCE vs FREQUENCY
100
10
1
0.1
0.01
1
10
100
1k
10k
100k
Frequency (Hz)
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
90
80
70
60
50
40
30
20
10
0
1
10
100
1k
10k
100k
Frequency (Hz)
OUTPUT VOLTAGE
vs SUPPLY VOLTAGE (I
LOAD = 25mA)
2.5008
2.5000
2.4992
2.4984
2.4976
2.4968
2.4967
2.4952
2.4944
2.4936
2.5
3
3.5
4
4.5
5
5.5
6
Supply (V)
OUTPUT VOLTAGE vs LOAD CURRENT
2.50152
2.50000
2.49848
2.49696
2.49544
2.49392
2.49824
2.49088
2.48936
0
5
10
15
20
25
30
Load Current (mA)
LINE REGULATION vs TEMPERATURE
200
150
100
50
0
–50
Temperature (
°C)
–40
–20
0
20
60
40
80
100
120
140
OUTPUT VOLTAGE vs SUPPLY VOLTAGE (No Load)
2.50138
2.50000
2.49862
2.49724
2.49586
2.49448
2.49310
2.49172
2.49034
2.48896
2.5
3
3.5
4
4.5
5
5.5
6
Supply (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com