Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF2912
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2912 Datasheet(HTML) 1 Page - Texas Instruments

  REF2912_08 Datasheet HTML 1Page - Texas Instruments REF2912_08 Datasheet HTML 2Page - Texas Instruments REF2912_08 Datasheet HTML 3Page - Texas Instruments REF2912_08 Datasheet HTML 4Page - Texas Instruments REF2912_08 Datasheet HTML 5Page - Texas Instruments REF2912_08 Datasheet HTML 6Page - Texas Instruments REF2912_08 Datasheet HTML 7Page - Texas Instruments REF2912_08 Datasheet HTML 8Page - Texas Instruments REF2912_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REF2912
REF2920
REF2925
REF2930
REF2933
REF2940
SBVS033B – JUNE 2002 – REVISED FEBRUARY 2008
www.ti.com
DESCRIPTION
The REF29xx is a precision, low-power, low-voltage dropout
voltage reference family available in a tiny SOT23-3.
The REF29xx small size and low power consumption (50
µA
max) make it ideal for portable and battery-powered applica-
tions. The REF29xx does not require a load capacitor, but is
stable with any capacitive load.
Unloaded, the REF29xx can be operated with supplies within
1mV of output voltage. All models are specified for the wide
temperature range, –40
°C to +125°C.
FEATURES
q MicroSIZE PACKAGE: SOT23-3
q LOW DROPOUT: 1mV
q HIGH OUTPUT CURRENT: 25mA
q LOW TEMPERATURE DRIFT: 100ppm/
°C max
q HIGH ACCURACY: 2%
q LOW I
Q: 50µA max
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2008, Texas Instruments Incorporated
100ppm/
°C, 50µA in SOT23-3
CMOS VOLTAGE REFERENCE
APPLICATIONS
q PORTABLE, BATTERY-POWERED EQUIPMENT
q DATA ACQUISITION SYSTEMS
q MEDICAL EQUIPMENT
q HAND-HELD TEST EQUIPMENT
PRODUCT
VOLTAGE (V)
REF2912
1.25
REF2920
2.048
REF2925
2.5
REF2930
3.0
REF2933
3.3
REF2940
4.096
1
IN
2
OUT
3
GND
REF2912
REF2920
REF2925
REF2930
REF2933
REF2940
SOT23-3
DROPOUT VOLTAGE vs LOAD CURRENT
350
300
250
200
150
100
50
0
0
5
10
15
20
25
30
Load Current (mA)
www.ti.com
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - REF2912_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
More results

Similar Description - REF2912_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
logo
Texas Instruments
REF3012 TI-REF3012 Datasheet
309Kb / 13P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com