Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF2912
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2912 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF2912_08 Datasheet HTML 4Page - Texas Instruments REF2912_08 Datasheet HTML 5Page - Texas Instruments REF2912_08 Datasheet HTML 6Page - Texas Instruments REF2912_08 Datasheet HTML 7Page - Texas Instruments REF2912_08 Datasheet HTML 8Page - Texas Instruments REF2912_08 Datasheet HTML 9Page - Texas Instruments REF2912_08 Datasheet HTML 10Page - Texas Instruments REF2912_08 Datasheet HTML 11Page - Texas Instruments REF2912_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REF2912, 2920, 2925, 2930, 2933, 2940
8
SBVS033B
www.ti.com
THEORY OF OPERATION
The REF29xx is a series, CMOS, precision bandgap voltage
reference. Its basic topology is shown in Figure 1. The
transistors Q1 and Q2 are biased such that the current
density of Q1 is greater than that of Q2. The difference of the
two base-emitter voltages, Vbe1 – Vbe2, has a positive
temperature coefficient and is forced across resistor R1. This
voltage is gained up and added to the base-emitter voltage
of Q2, which has a negative coefficient. The resulting output
voltage is virtually independent of temperature. The curvature
of the bandgap voltage, as seen in the typical curve,
Output
Voltage vs Temperature, is due to the slightly nonlinear
temperature coefficient of the base-emitter voltage of Q2.
The REF29xx features a low quiescent current, which is
extremely stable over changes in both temperature and
supply. The typical room temperature quiescent current is
42
µA, and the maximum quiescent current over temperature
is just 59
µA. Additionally, the quiescent current typically
changes less than 2.5
µA over the entire supply range, as
shown in Figure 3.
1
3
REF29xx
2
0.47
µF
V
IN
V
OUT
FIGURE 1. Simplified Schematic of Bandgap Reference.
FIGURE 2. Typical Connections for Operating REF29xx.
42.5
42.0
41.5
41.0
40.5
40.0
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
FIGURE 3. Supply Current vs Supply Voltage.
R
1
Q
2
Q
1
+
Vbe
1
–
+
Vbe
2
–
APPLICATION INFORMATION
The REF29xx does not require a load capacitor, and is stable
with any capacitive load. Figure 2 shows typical connections
required for operation of the REF29xx. A supply bypass
capacitor of 0.47
µF is recommended.
SUPPLY VOLTAGE
The REF29xx family of references features an extremely low
dropout voltage. With the exception of the REF2912, which
has a minimum supply requirement of 1.8V, the REF29xx
can be operated with a supply of only 1mV above the output
voltage in an unloaded condition. For loaded conditions, a
typical dropout voltage versus load performance plot is
shown on the cover page.
Supply voltages below the specified levels can cause the
REF29xx to momentarily draw currents greater than the
typical quiescent current. Using a power supply with a fast
rising edge and low output impedance easily prevents this.
THERMAL HYSTERESIS
Thermal hysteresis for the REF29xx is defined as the change
in output voltage after operating the device at 25
°C, cycling
the device through the specified temperature range, and
returning to 25
°C, and can be expressed as:
V
abs V
V
V
ppm
HYST
PRE
POST
NOM
=
 •
(
)
–
10
6
Where: VHYST = Calculated hysteresis
VPRE = Output voltage measured at 25°C pre-
temperature cycling
VPOST = Output voltage measured when device has
been operated at 25
°C, cycled through specified
range –40
°C to +125°C and returned to operation at
25
°C
TEMPERATURE DRIFT
The REF29xx is designed to exhibit minimal drift error, defined
as the change in output voltage over varying temperature.
Using the
box method of drift measurement, the REF29xx
features a typical drift coefficient of 20ppm from 0
°C to 70°C—
the primary temperature range of use for many applications.
For industrial temperature ranges of –40
°C to 125°C, the
REF29xx family drift increases to a typical value of 50ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com