Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF2912
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2912 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF2912_08 Datasheet HTML 2Page - Texas Instruments REF2912_08 Datasheet HTML 3Page - Texas Instruments REF2912_08 Datasheet HTML 4Page - Texas Instruments REF2912_08 Datasheet HTML 5Page - Texas Instruments REF2912_08 Datasheet HTML 6Page - Texas Instruments REF2912_08 Datasheet HTML 7Page - Texas Instruments REF2912_08 Datasheet HTML 8Page - Texas Instruments REF2912_08 Datasheet HTML 9Page - Texas Instruments REF2912_08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
REF2912, 2920, 2925, 2930, 2933, 2940
6
SBVS033B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = +5V power supply, REF2925 is used for typical characteristics, unless otherwise noted.
LINE TRANSIENT RESPONSE
10
µs/div
V
IN
V
OUT
STEP RESPONSE, C
L = 0, 5V START-UP
10
µs/div
V
IN
V
OUT
0-1mA LOAD TRANSIENT (C
L = 0)
10
µs/div
I
L = 1mA
V
OUT
I
L = 0mA
0-5mA LOAD TRANSIENT (C
L = 0)
10
µs/div
I
L = 5mA
V
OUT
I
L = 0mA
1-6mA LOAD TRANSIENT (C
L = 1µF)
40
µs/div
V
OUT
I
L = 0mA
I
L = 6mA
STEP RESPONSE, C
L = 0, 3V START-UP
40
µs/div
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com