Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30CTDR10BPA2IO Datasheet(PDF) 16 Page - Carlo Gavazzi Holding AG

Part # PD30CTDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30CTDR10BPA2IO Datasheet(HTML) 16 Page - Carlo Gavazzi Holding AG

Back Button PD30CTDR10BPA2IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 12Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 13Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 14Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 15Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 16Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 17Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 18Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 19Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Carlo Gavazzi Industri A/S
PD30CTDx10BPxxIO - IO-Link
PD30CTDx10BPxxIO ENG
28/04/2021
Mechanics/electronics
Connection
Cable
2 m, 4-wire 4 x 0.14 mm2, Ø = 3.3 mm, PVC, Black
Plug
M8, 4-pin, male
Wiring
3 BU
2 WH
4 BK
1 BN
V
V
A
B
BN
BK
WH
BU
A
B
Brown
Black
White
Blue
OUT/IO-Link
IN/OUT
Housing
Body
ABS
Front glass
PMMA, Red
Trimmer shaft
POM, Grey
Indication
TPU, Transparent
Sealing
NBR70
Dimensions
10 x 30 x 20 mm
Weight
≤ 50 g
Cable version
≤ 20 g
Plug version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com