Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30CTDR10BPA2IO Datasheet(PDF) 8 Page - Carlo Gavazzi Holding AG

Part # PD30CTDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30CTDR10BPA2IO Datasheet(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button PD30CTDR10BPA2IO Datasheet HTML 4Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 5Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 12Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Carlo Gavazzi Industri A/S
PD30CTDx10BPxxIO - IO-Link
PD30CTDx10BPxxIO ENG
28/04/2021
Object and Gap Monitoring
Function description
This function is designed to monitor, that the length of an object and the gap
between the following object on a conveyer belt, are witin certain limits.
Conditions
Only one sensor is needed for this function.
Settings
An acceptable minimum and maximum time [ms] mus be set for both the
object size a gap size between two objects represented by the time it takes
to pass the sensor.
Object minimum time.
10...60 000 ms
Factory settings: 500 ms
Object maximum time.
10...60 000 ms
Factory settings: 10 000 ms
Gap minimum time.
10...60 000 ms
Factory settings: 500 ms
Gap maximum time.
10...60 000 ms
Factory settings: 10 000 ms
Outputs
Output 1 is active when an object is outside the set limits.
Output 2 is active when the gap between two objects is outside the set limits.
Alarm settings
Safe limits
SSC1
• 0 ... 100 % of actual SP
Factory settings: 20%
SSC2
• 0 ... 100 % of actual SP
Factory settings: 20%
Dust alarm
Safe limits are used for dust alarm level.
Water drop alarm
Safe limits are used for water drop alarm level.
Temperature alarm
• High threshold -50 ... +150 °C
• Low threshold -50 ... +150 °C
Factory settings:
High value 70 °C
Low value -20 °C
Detection diagram
0.0
0.0
0.4
-0.4
7.9
1.2
-1.2
0.8
-0.8
15.7
2.0
-2.0
1.6
1.6
23.6 31.5 39.4 47.2
55.1
400
600
200
1000 1200 1400
50
800
40
30
20
10
-10
-20
-30
-40
-50
0
0
A
B
C
D
Y
X
E
F
A
Detection width (mm)
D
Sensing range (inches)
B
Sensing range (mm)
E
Sensor
C
Detection width (inches)
F
Object 25 x 25 mm, White 90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com