Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30CTDR10BPA2IO Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # PD30CTDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30CTDR10BPA2IO Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  PD30CTDR10BPA2IO Datasheet HTML 1Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 2Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 3Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 4Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 5Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Carlo Gavazzi Industri A/S
PD30CTDx10BPxxIO - IO-Link
PD30CTDx10BPxxIO ENG
28/04/2021
Photoelectric Diffuse Reflective sensors with IO-Link communication
Description
The PD30CTDx10BPxxIO are a part of the latest
generation of high performance photoelectric
sensors designed to solve most detection tasks
due to the new IO-Link features.
The sensors are implemented in the compact 10
x 20 x 30 mm ABS housing that are acknoledged
world wide.
New implemented functions with weight on
functionality, reliability, Predictive maintenance
make these sensors ideal for Industry 4.0.
Benefits
•
Red or infrared sensor with IO-Link with a adjustable
distance of 100 to 1000 mm, either by trimmer or via IO-
Link.
•
Application functions: Pattern Recognition, Speed &
Length, Divider function and Object & Gap Monitoring.
•
Neighbour Immunity, selectable up to 3 sensors
•
Easy customization to specific OEM requests by use of
the build in IO-Link functionalities.
•
The output can be operated either as a standard
switching output or in IO-Link mode.
•
Fully configurable via output IO-Link v 1.1. Electrical
outputs can be configured as PNP / NPN / Push-Pull /
External input, normally open or normally closed.
•
Timer functions can be set, such as ON-delay, Off-
delay, and one shots.
•
Logging functions: Temperatures, detecting counter,
power cycles and operating hours.
•
Detection modes Single point, two point and windows
mode.
•
Logic functions: AND, OR, XOR and Gated SR-FF.
•
Analogue output: In IO-Link mode the sensor
will generate 16 bit analogue process data output
representing various selectable process data such as
received signal level.
•
Applications
Pattern Recognition: An easy way to verify that a product is manufactured to the specification e.g. Furniture
production where tabs or holes has to be with a defined pattern.
Speed and Length: Monitor the speed and length of an object on a conveyour for e.g. sorting on size.
Divider function: A de-central counting function that gives a signal when a preset count level is reached e.g.
when a certain items are packed in a carton box it ask for a new box.
Object and Gap Monitoring: Function that can sort out good objects and gaps between them so e.g. a
packaging machine only reveive objects with the correct size and gaps.
Main functions
• Detects presence or absence of objects by detecting reflected light energy from the object.
• The sensor can be operated in IO-Link mode once connected to an IO-Link master or in standard I/O mode.
• Received light intensity as process data.
• Neighbor inference protection.


Similar Part No. - PD30CTDR10BPA2IO

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
PD30CTBI20BPA2IO CARLOGAVAZZI-PD30CTBI20BPA2IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30CTBI20BPM5IO CARLOGAVAZZI-PD30CTBI20BPM5IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30CTBR20BPA2IO CARLOGAVAZZI-PD30CTBR20BPA2IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30CTBR20BPM5IO CARLOGAVAZZI-PD30CTBR20BPM5IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30CTBX20BPXXIO CARLOGAVAZZI-PD30CTBX20BPXXIO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
More results

Similar Description - PD30CTDR10BPA2IO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
IO-Link Device with Multiple Sensors
logo
Carlo Gavazzi Holding A...
CA30CAF16BPA2IO CARLOGAVAZZI-CA30CAF16BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA18FAF08BPA2IO CARLOGAVAZZI-CA18FAF08BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA18EAF08BPA2IO CARLOGAVAZZI-CA18EAF08BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA18CAF08BPA2IO CARLOGAVAZZI-CA18CAF08BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA30FAF16BPA2IO CARLOGAVAZZI-CA30FAF16BPA2IO Datasheet
1Mb / 10P
Capacitive Proximity Sensors with IO-Link communication
CA30EAF16BPA2IO CARLOGAVAZZI-CA30EAF16BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
logo
WAGO Kontakttechnik Gmb...
2789-9080 WAGO-2789-9080 Datasheet
241Kb / 6P
Communication module; IO-Link; communication capability
18.10.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com