Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30CTDR10BPA2IO Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # PD30CTDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30CTDR10BPA2IO Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  PD30CTDR10BPA2IO Datasheet HTML 1Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 2Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 3Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 4Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 5Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30CTDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Carlo Gavazzi Industri A/S
PD30CTDx10BPxxIO - IO-Link
PD30CTDx10BPxxIO ENG
28/04/2021
Structure
C
B
D
A
E
F
C
B
D
A
E
G
2
3
1
4
Fig. 1 Cable
Fig. 2 Plug
Fig. 3 "M8-plug" Pin numbers
A
Sensitivity adjustment (Top trimmer)
G
M8, 4-pin male connector
B
Yellow LED
1
Brown
C
Green LED
2
White
D
M3 Fixing holes for sensor mounting
3
Blue
E
Sensing window
4
Black
F
2 m, 4 wire PVC Ø 3.3 mm cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com