Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3003 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 2 Page - Eorex Corporation

  EP3003 Datasheet HTML 1Page - Eorex Corporation EP3003 Datasheet HTML 2Page - Eorex Corporation EP3003 Datasheet HTML 3Page - Eorex Corporation EP3003 Datasheet HTML 4Page - Eorex Corporation EP3003 Datasheet HTML 5Page - Eorex Corporation EP3003 Datasheet HTML 6Page - Eorex Corporation EP3003 Datasheet HTML 7Page - Eorex Corporation EP3003 Datasheet HTML 8Page - Eorex Corporation EP3003 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev.01
2
EP3003
Package/Order Information
MSOP:
DFN:
Eorex
Power Management
Buck Regulator
Series Number
E
P
30
03
Absolute Maximum Rating
(Note1)
Input Supply Voltage........ ...................... -0.3V to +6V
RUN, VFB Voltages ................. ..... -0.3V to VIN+0.3V
SW Voltages............................…....-0.3V to VIN+0.3V
MODE/SYNC Voltages....................-0.3V to VIN+0.3V
/POR Voltages..................... ....…... ...... -0.3V to +6V
P-Channel Switch Source Current (DC).….......800mA
N-Channel Switch Sink Current (DC).....……....800mA
Operating Temperature Range............ -40°C to +85°C
Junction Temperature……….............................+125°C
Storage Temperature Range (MSOP) -65°C to +150°C
Storage Temperature Range (DFN) .. -65°C to +125°C
Lead Temperature (Soldering, 10s) ............…..+300°C
Note 1. Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com