Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3003 Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 1 Page - Eorex Corporation

  EP3003 Datasheet HTML 1Page - Eorex Corporation EP3003 Datasheet HTML 2Page - Eorex Corporation EP3003 Datasheet HTML 3Page - Eorex Corporation EP3003 Datasheet HTML 4Page - Eorex Corporation EP3003 Datasheet HTML 5Page - Eorex Corporation EP3003 Datasheet HTML 6Page - Eorex Corporation EP3003 Datasheet HTML 7Page - Eorex Corporation EP3003 Datasheet HTML 8Page - Eorex Corporation EP3003 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.01
1
EP3003
2-CH, 600mA Synchronous Step-down Converter
DESCRIPTION
The EP3003 is a dual channel, 1.5MHz constant
frequency, slope compensated current mode PWM
step-down converter. The EP3003 can supply
600mA of load current from a 2.5V to 5.5V input
voltage. Each output voltage is adjustable from
0.6V to 5V. It is ideal for powering portable
equipment that runs from a single cell lithium-Ion
(Li+) battery. Internal synchronous 0.35Ω, 1A
power switches provide high efficiency without the
need for external Schottky diodes. The EP3003
can also run at 100% duty cycle for low dropout
operation, extending battery life in portable
system. Pulse Skipping Mode operation at light
loads provides very low output ripple voltage for
noise sensitive applications. Burst Mode operation
provides higher efficiency at light loads.
APPLICATIONS
‧
Cellular and Smart Phones
‧
Microprocessors and DSP Core Supplies
‧
Wireless and DSL Modems
‧
PDAs
‧
Portable Instruments / Media Players
‧
Digital Cameras
‧
PC Cards
FEATURES
‧
High Efficiency: Up to 96%
‧
1.5MHz Constant Switching Frequency
‧
600mA Output Current
‧
Integrated Main Switch and Synchronous
Rectifier
‧
High Switch Current: 1A on Each Channel
‧
2.5V to 5.5V Input Voltage Range
‧
Output Voltage as Low as 0.6V
‧
100% Duty Cycle in Dropout
‧
Low Quiescent Current: 50μA
Slope Compensated Current Mode Co
‧
ntrol for
Excellent Line and Load Transient Response
‧
Can be synchronized to an external oscillator
Short Circuit Protection
‧
‧
Power-on Reset Output
Thermal Fault Protection
‧
‧
<1uA Shutdown Current
‧
Small Thermally Enhanced 10-Pin MSOP and
3mm × 3mm DFN Packages
Typical Application
Figure 1. Basic Application Circuit for 2.5V and 1.8V Output Voltages


Similar Part No. - EP3003

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3003 EOREX-EP3003 Datasheet
223Kb / 5P
Evaluation Board Manual
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
EP3003 EOREX-EP3003_15 Datasheet
683Kb / 13P
2-CH, 600mA Synchronous Step-down Converter
More results

Similar Description - EP3003

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
600mA Synchronous Buck Step-Down Converter
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
1.7MHz, 600mA Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
EP3003 EOREX-EP3003_15 Datasheet
683Kb / 13P
2-CH, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
600mA, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com