Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3003 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 3 Page - Eorex Corporation

  EP3003 Datasheet HTML 1Page - Eorex Corporation EP3003 Datasheet HTML 2Page - Eorex Corporation EP3003 Datasheet HTML 3Page - Eorex Corporation EP3003 Datasheet HTML 4Page - Eorex Corporation EP3003 Datasheet HTML 5Page - Eorex Corporation EP3003 Datasheet HTML 6Page - Eorex Corporation EP3003 Datasheet HTML 7Page - Eorex Corporation EP3003 Datasheet HTML 8Page - Eorex Corporation EP3003 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev.01
3
EP3003
Electrical Characteristics
(Note 2) :
(VIN =VRUN= 3.6V, TA = 25°C, unless otherwise noted.)
Parameter
Conditions
MIN
TYP
MAX
unit
Input Voltage Range
2.5
5.5
V
Input DC Supply Current
Active Mode
Shutdown Mode
VFB=0.5V
RUN=0V, VIN=5.5V, MODE/SYNC=0V
600
0.1
800
1.0
µA
µA
TA = +25°C
0.588
0.600
0.612
V
TA= 0°C ≦ TA ≦ 85°C
0.586
0.600
0.613
V
Regulated Feedback
Voltage
TA= -40°C ≦ TA ≦ 85°C
0.582
0.600
0.618
V
VFB Input Bias Current
30
nA
Reference Voltage
Line Regulation
VIN = 2.5V to 5.5V
0.3
0.5
%/V
Threshold:
VFBX Ramping Up, MODE/SYNC = 0V
VFBX Ramping Down, MODE/SYNC =
0V
8.5
-8.5
%
%
Power-On Reset On-Resistance
100
200
Ω
Power-On Reset
(POR)
Power-On Reset Delay
270K
Cycles
Output
Voltage
Load
Regulation
0.5
%
Peak Inductor Current
VIN=3V, VFB=0.5V
Duty Cycle < 35%
0.75
1.00
1.25
A
Oscillator Frequency
VFBX =0.6V
1.2
1.5
1.8
MHz
Synchronization
Frequency
1.5
MHz
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
0.35
0.30
0.45
0.45
Ω
Ω
SW Leakage
VRUN = 0V, VFBX= 0V,
VIN = 5V
0.01
1
µA
RUN Threshold
-40°C ≦ TA ≦ 85°C
0.3
1.0
1.50
V
RUN Leakage Current
±0.01
±1
µA
Note 2. 100% production test at +25°C. Specifications over the temperature range are guaranteed by design
and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com