Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3003 Datasheet(PDF) 6 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EP3003 Datasheet HTML 2Page - Eorex Corporation EP3003 Datasheet HTML 3Page - Eorex Corporation EP3003 Datasheet HTML 4Page - Eorex Corporation EP3003 Datasheet HTML 5Page - Eorex Corporation EP3003 Datasheet HTML 6Page - Eorex Corporation EP3003 Datasheet HTML 7Page - Eorex Corporation EP3003 Datasheet HTML 8Page - Eorex Corporation EP3003 Datasheet HTML 9Page - Eorex Corporation EP3003 Datasheet HTML 10Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev.01
6
EP3003
Pin Description
PIN
NAME
FUNCTION
1
VFB1
Output Voltage Feedback Pin. An internal resistive divider divides the output voltage
down for comparison to the internal reference voltage. Nominal voltage for this pin is
0.6V.
2
RUN1
Regulator 1 Enable control input. Forcing this pin to VIN enables regulator 1, while
forcing it to GND causes regulator 1 to shut down. In shutdown, all functions are
disabled drawing <1µA supply current. Do not leave RUN floating.
3
VIN
Main Power Supply. Must be closely decoupled to GND with a ceramic capacitor.
4
SW1
Regulator 1 Power Switch Output. Switch Node Connection to the
Inductor. This pin swings from VIN to GND.
5
GND
Ground
6
Mode/Sync
Combination of Mode Selection and Oscillator Synchronization. This pin controls the
operation of the device. When tied to VIN or GND, Burst Mode operation or pulse
skipping mode is selected, respectively. Do not float this pin. The oscillation frequency
can be synchronized to an external oscillator applied to this pin and pulse skipping mode
is automatically selected.
7
SW2
Regulator 2 Power Switch Output. Switch Node Connection to the Inductor. This pin
swings from VIN to GND.
8
/POR
Power-On Reset. This common-drain logic output is pulled to GND when the output
voltage is not within ±8.5% of regulation and goes high after 175ms when both channels
are within regulation.
9
RUN2
Regulator 2 Enable control input. Forcing this pin to VIN enables regulator 2, while
forcing it to GND causes regulator 2 to shut down.
10
VFB2
Output Voltage Feedback Pin for Regulator 2. See VFB1 section.
11
Power
Ground
Connect to the (–) terminal of COUT, and (–) terminal of CIN. Must be soldered to
electrical ground on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com