Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-CASE Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # LS8-CASE
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-CASE Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button LS8-CASE Datasheet HTML 3Page - PANDUIT CORP. LS8-CASE Datasheet HTML 4Page - PANDUIT CORP. LS8-CASE Datasheet HTML 5Page - PANDUIT CORP. LS8-CASE Datasheet HTML 6Page - PANDUIT CORP. LS8-CASE Datasheet HTML 7Page - PANDUIT CORP. LS8-CASE Datasheet HTML 8Page - PANDUIT CORP. LS8-CASE Datasheet HTML 9Page - PANDUIT CORP. LS8-CASE Datasheet HTML 10Page - PANDUIT CORP. LS8-CASE Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5
For service and technical support, call 800-777-3300 or visit www.panduit.com
Mini-Com ® Ultimate ID ® Classic Series Faceplates
• Ultimate ID ® components are part of a complete system for
identification designed to efficiently support
TIA/EIA-606-A standard labeling requirements
• Accept Mini-Com ® Modules for STP and UTP, fiber optic
and audio/video, which snap in and out for easy moves,
adds, and changes
• Supplied with color coordinated screw cover and clear
station and port label covers
• Labels sold separately
• Can be clearly identified with the PanTher ™ LS8E
Hand-Held Thermal Transfer Printers
• Non-adhesive computer printable label sheets for desktop
printers and write-on labels available
• Replacement screw covers and label covers available
• Optional icons available
UICFP2IW
UICFP6IW
UICFPH4IW
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory), WH (White), IG (International Gray)
or BL (Black).
All faceplates supplied with mounting screws.
Mini-Com ® Ultimate ID ® Executive Series Faceplates
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory), WH (White), IG (International Gray)
or BL (Black).
All faceplates supplied with mounting screws.
UICFPSE4IW
UICFPSE8IW-2G
UICFPHSE2IW
Mini-Com ® Ultimate ID ® Faceplates
Part Number
Part Description
Color‡
Labels
Required*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICFP2IW
Single gang, vertical faceplate holds up to
two Mini-Com ® Modules.
Off White
One 1-Port
One 2-Port
110
UICFP4IW
Single gang, vertical faceplate holds up to
four Mini-Com ® Modules.
Off White
One 1-Port
Two 2-Port
110
UICFP6IW
Single gang, vertical faceplate holds up to
six Mini-Com ® Modules. Requires minimum
1.9" wide in-wall box or wallboard adapter for
proper installation.
Off White
One 1-Port
Two 3-Port
110
UICFPH2IW
Single gang, horizontal faceplate holds up to
two Mini-Com ® Modules.
Off White
One 1-Port
One 2-Port
110
UICFPH4IW
Single gang, horizontal faceplate holds up to
four Mini-Com ® Modules.
Off White
One 1-Port
One 4-Port
110
Part Number
Part Description
Color‡
Labels
Required*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICFPSE2IW
Single gang, vertical sloped faceplate
holds up to two Mini-Com ® Modules.
Off White
One 1-Port
One 2-Port
110
UICFPSE4IW
Single gang, vertical sloped faceplate
holds up to four Mini-Com ® Modules.
Off White
One 1-Port
Two 2-Port
110
UICFPSE6IW
Single gang, vertical sloped faceplate
holds up to six Mini-Com ® Modules.
Requires minimum 1.9" wide in-wall box or
wallboard adapter for proper installation.
Off White
One 1-Port
Two 3-Port
110
UICFPSE8IW-2G
Double gang, vertical faceplate holds up to
eight Mini-Com ® Modules.
Off White
Four 4-Port
1
10
UICFPHSE2IW
Single gang, horizontal sloped faceplate
holds up to two Mini-Com ® Modules.
Off White
One 1-Port
One 2-Port
110
UICFPHSE4IW
Single gang, horizontal sloped faceplate
holds up to four Mini-Com ® Modules.
Off White
One 1-Port
One 4-Port
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com