Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-CASE Datasheet(PDF) 17 Page - PANDUIT CORP.

Part # LS8-CASE
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-CASE Datasheet(HTML) 17 Page - PANDUIT CORP.

Back Button LS8-CASE Datasheet HTML 13Page - PANDUIT CORP. LS8-CASE Datasheet HTML 14Page - PANDUIT CORP. LS8-CASE Datasheet HTML 15Page - PANDUIT CORP. LS8-CASE Datasheet HTML 16Page - PANDUIT CORP. LS8-CASE Datasheet HTML 17Page - PANDUIT CORP. LS8-CASE Datasheet HTML 18Page - PANDUIT CORP. LS8-CASE Datasheet HTML 19Page - PANDUIT CORP. LS8-CASE Datasheet HTML 20Page - PANDUIT CORP. LS8-CASE Datasheet HTML 21Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
15
For service and technical support, call 800-777-3300 or visit www.panduit.com
Section 5.1.1 States
A Telecommunications Space (TS) identifier, unique within the building, shall be assigned to the TS and it shall have
the format “fs”, where:
f = numeric character(s) identifying the floor of the building occupied by the TS
s = alpha character(s) uniquely identifying the TS on floor f, or the building area in which the space is located
For buildings with non-numeric floors, alpha-numeric characters may be used in the “f” format and shall be
consistent with the floor naming convention used within the building. The TS shall be labeled with the TS identifier
inside the room so as to be visible to someone working in that room.
For example:
“1A” = first floor, TS A
Panduit labels for laser/ink jet and thermal transfer printers can be generated by a mechanical
device and are made of durable polymer construction that will withstand the effects of moisture,
heat, and time.
Desktop Laser/Ink Jet Labels
Order number of labels required in multiples of Standard Package Quantity.
TDP43MY Desktop Thermal Transfer Labels
Order number of cassettes required.
PanTher ™ LS8E Hand-Held Thermal Transfer Printer Label Cassette
Order number of labels required in multiples of Standard Package Quantity.
Telecommunications Space Identification
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C200X100FJJ
White, polyolefin label.
2.00
50.80
1.00
25.40
1000 5000
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In
mm
In
mm
C200X100YPT
White, polyester label.
2.00
50.8
1.00
25.4
2500 10000
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C200X100YPC
White, high tack polyester label, 200/cassette.
2.00
50.8
1.00
25.4
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com