Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-CASE Datasheet(PDF) 20 Page - PANDUIT CORP.

Part # LS8-CASE
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-CASE Datasheet(HTML) 20 Page - PANDUIT CORP.

Back Button LS8-CASE Datasheet HTML 16Page - PANDUIT CORP. LS8-CASE Datasheet HTML 17Page - PANDUIT CORP. LS8-CASE Datasheet HTML 18Page - PANDUIT CORP. LS8-CASE Datasheet HTML 19Page - PANDUIT CORP. LS8-CASE Datasheet HTML 20Page - PANDUIT CORP. LS8-CASE Datasheet HTML 21Page - PANDUIT CORP. LS8-CASE Datasheet HTML 22Page - PANDUIT CORP. LS8-CASE Datasheet HTML 23Page - PANDUIT CORP. LS8-CASE Datasheet HTML 24Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
18
Section 6.1.3 States
A Firestopping Location (FSL) identifier shall identify each installation of firestopping material.
The format for the firestopping location identifier shall be “f-FSLn(h)”, where:
f
= numeric character(s) identifying the floor of the building occupied by the TS
(Telecommunications Space)
FSL = an identifier referring to a Firestopping Location
n
= two to four numeric characters identifying one firestopping location
h
= one numeric character specifying the hour rating of the firestopping system
All firestopping location identifiers in a single infrastructure should have the same format where possible.
Each firestopping location shall be labeled at each location where firestopping is installed, on each side of the
penetrated fire barrier, within 300mm (12 in.) of the firestopping material.
For example:
“1-FSL01(2)” = first floor, Firestopping Location
number 01, two hour rating
Panduit labels for laser/ink jet and thermal transfer printers can be generated by a mechanical
device and are made of durable polymer construction that will withstand the effects of
moisture, heat, and time.
Firestopping Location Identification
Desktop Laser/Ink Jet Labels
Order number of labels required in multiples of Standard Package Quantity.
Order number of cassettes required.
Order number of labels required in multiples of Standard Package Quantity.
TDP43MY Desktop Thermal Transfer Labels
PanTher™ LS8E Hand-Held Thermal Transfer Printer Label Cassette
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C200X100FJJ
White, polyolefin label.
2.00
50.80
1.00
25.40
1000 5000
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In
mm
In
mm
C200X100YPT
White, polyester label.
2.00
50.8
1.00
25.4
2500 10000
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C200X100YPC
White, high tack polyester label, 200/cassette.
2.00
50.8
1.00
25.4
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com