Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-CASE Datasheet(PDF) 22 Page - PANDUIT CORP.

Part # LS8-CASE
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-CASE Datasheet(HTML) 22 Page - PANDUIT CORP.

Back Button LS8-CASE Datasheet HTML 18Page - PANDUIT CORP. LS8-CASE Datasheet HTML 19Page - PANDUIT CORP. LS8-CASE Datasheet HTML 20Page - PANDUIT CORP. LS8-CASE Datasheet HTML 21Page - PANDUIT CORP. LS8-CASE Datasheet HTML 22Page - PANDUIT CORP. LS8-CASE Datasheet HTML 23Page - PANDUIT CORP. LS8-CASE Datasheet HTML 24Page - PANDUIT CORP. LS8-CASE Datasheet HTML 25Page - PANDUIT CORP. LS8-CASE Datasheet HTML 26Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
20
Thermal Transfer Printers
Section 10.1 States
The size, color, and contrast of all labels should be selected to ensure that the identifiers are easily read. Labels
should be visible during the installation of and normal maintenance of the infrastructure. Labels should be
resistant to the environmental conditions at the point of installation (such as moisture, heat, or ultraviolet light),
and should have a design life equal to or greater than that of the labeled component.
Section 10.2 States
To maximize legibility, all labels shall be printed or generated by a mechanical device.
The PanTher ™LS8E Hand-Held Thermal Transfer Printer and the TDP43MY Desktop Thermal
Transfer Printer mechanically generate labels that are made of durable polymer construction
and will withstand the effects of moisture, heat, and time.
• Innovative QWERTY keypad design delivers faster text
entry and label design for enhanced productivity
• Cut-to-length functionality eliminates label waste and
label trimming labor
• Partial cut feature available to provide tear-apart strips
of labels
•P1™ Label Cassette contains an integrated memory
device for automatic formatting, recall of last legend
used, and number of labels remaining in the cassette
• Market specific labeling tools simplify label creation for
network components, panel building, and construction
and maintenance
• USB interface for importing data, system upgrades, and
printing from a wireless laptop or desktop computer
• Legends can be easily aligned with ports on patch
panels and faceplates, eliminating the need for
manual spacing and guesswork
• Prints self-laminating cable labels, continuous tapes, and
die-cut labels for patch panels, faceplates, and other
network applications
• Fast loading label cassette includes both label material and
ribbon to make changing labels easy
• Large graphic display with backlight for improved visibility
PanTher™ LS8E Hand-Held Thermal Transfer Printer and Accessories
*Cannot be used to charge batteries. Other adapters available, replace S with A (Australia), C (China), E (Europe) and U (UK).
For a PanTher™ LS8E full line product bulletin, request SA-IDCB51.
LS8EQ
LS8EQ-KIT
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
LS8EQ-KIT
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC self-laminating
labels, six AA alkaline batteries, LS8-CASE, LS8-PCKIT, LS8-IB, LS8-WS, quick reference card
and operator’s manual.
12
LS8EQ
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC self-laminating
labels, six AA alkaline batteries and quick reference card.
14
LS8E-ACS*
120 VAC power adapter for North America.
1
6
LS8-CASE
Rigid carrying case.
1—
LS8-PCKIT
Includes USB cable and PC interface software for importing data, system upgrades, or printing from
a wireless laptop or desktop computer.
1—
LS8-IB
Protective impact bumper.
120
LS8-WS
Wrist strap.
120
LS8-CLN
LS8/LS8E cleaning kit – contains bottle of cleaning solution with MSDS, cleaning pen, swabs,
alcohol wipes and cleaning instructions.
1—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com