Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-333 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-333
Description  Matched GaAs SPDT Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-333 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-333 Datasheet HTML 1Page - Tyco Electronics SW-333 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
Matched GaAs SPDT Switch
DC - 2 GHz
SW-331, SW-333
Features
q
Miniature Ceramic Package
q
Fast Switching Speed, 7 ns Typical
q
Ultra Low DC Power Consumption
Guaranteed Specifications
1
(-55°Cto +85°C)
Frequency Range
DC – 2.0 GHz
SW-331 SW-333
Insertion Loss
DC – 2.0 GHz
1.4
1.4
dB Max
DC – 1.0 GHz
1.0
1.0
dB Max
DC – 0.5 GHz
0.9
0.9
dB Max
VSWR
DC – 2.0 GHz
2.0:1
2.0:1
Max
DC – 1.0 GHz
1.4:1
1.4:1
Max
DC – 0.5 GHz
1.3:1
1.3:1
Max
Isolation
DC – 2.0 GHz
40
30
dB Min
DC – 1.0 GHz
47
35
dB Min
DC – 0.5 GHz
52
40
dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
Trise, Tfall (10% to 90%)
7 ns Typ
Ton, Toff (50% CTL to 90%/10% RF)
10 ns Typ
Transients (In-Band)
25 mV Typ
Input Power for 1 dB Compression
0.5 – 2.0 GHz
+30 dBm Typ
0.05 GHz
+25 dBm Typ
Intermodulation Intercept Pt. (for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
0.5 – 2.0 GHz
+65
+46
dBm Typ
0.05 GHz
+60
+40
dBm Typ
Control Voltages (Complementary Logic)
Vin Low
0 to -0.2V @ 20 µA Max
Vin High
-5V @ 25 µA Typ to -8V @ 300 µA Max
1. All specifications apply with 50 ohm impedance connected to all RF ports
with 0 and -5 Vdc control voltages .
2. Contact the factory for standard or custom screening requirements.
SW-331 (CR-2)
SW-333 (CR-3)
Ordering Information
Part Number
Package
SW-331 PIN
Ceramic
SW-333 PIN
Ceramic


Similar Part No. - SW-333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-332 ETC1-SW-332 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-335 MACOM-SW-335 Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-335 MA-COM-SW-335 Datasheet
116Kb / 3P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
SW-335 MA-COM-SW-335 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-335PIN MACOM-SW-335PIN Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
More results

Similar Description - SW-333

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-224 MACOM-SW-224 Datasheet
24Kb / 2P
GaAs SPDT Switch DC-2 GHz
SW-229 MACOM-SW-229 Datasheet
211Kb / 3P
Connectorized SPDT GaAs Switch, DC - 2 GHz
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
logo
Hexawave, Inc
HWS400 HW-HWS400 Datasheet
139Kb / 3P
GaAs DC-2 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
SW-224-PIN MA-COM-SW-224-PIN Datasheet
65Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com