Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002B Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29F002B
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29F002B Datasheet HTML 11Page - STMicroelectronics M29F002B Datasheet HTML 12Page - STMicroelectronics M29F002B Datasheet HTML 13Page - STMicroelectronics M29F002B Datasheet HTML 14Page - STMicroelectronics M29F002B Datasheet HTML 15Page - STMicroelectronics M29F002B Datasheet HTML 16Page - STMicroelectronics M29F002B Datasheet HTML 17Page - STMicroelectronics M29F002B Datasheet HTML 18Page - STMicroelectronics M29F002B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Symbol
Alt
Parameter
M29F002T / M29F002NT / M29F002B
Unit
-70
-90
-120
VCC =5V
± 10% VCC =5V ± 10% VCC =5V ± 10%
Standard
Interface
Standard
Interface
Standard
Interface
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address
Valid
70
90
120
ns
tELWL
tCS
Chip Enable Low to Write Enable
Low
000
ns
tWLWH
tWP
Write Enable Low to Write Enable
High
35
45
50
ns
tDVWH
tDS
Input Valid to Write Enable High
30
45
50
ns
tWHDX
tDH
Write Enable High to Input
Transition
000
ns
tWHEH
tCH
Write Enable High to Chip Enable
High
000
ns
tWHWL
tWPH
Write Enable High to Write Enable
Low
20
20
20
ns
tAVWL
tAS
Address Valid to Write Enable Low
5
5
5
ns
tWLAX
tAH
Write Enable Low to Address
Transition
45
45
50
ns
tGHWL
Output Enable High to Write
Enable Low
000
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
50
µs
tWHGL
tOEH
Write Enable High to Output
Enable Low
000
ns
tPHPHH
(1,2)
tVIDR
RPNC Rise Time to VID
500
500
500
ns
tPLPX
tRP
RPNC Pulse Width
500
500
500
ns
Notes: 1. Sample only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Table 15. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70
°C or –40 to 85°C)
Chip Erase (CE) Instruction. This instruction uses
six write cycles. The Erase Set-up command 80h
is written to address 555h on the third cycle after
the two Coded cycles. The Chip Erase Confirm
command 10h is similarly written on the sixth cycle
after another two Coded cycles. If the second
command given is not an erase confirm or if the
Coded cycles are wrong, the instruction aborts and
the device is reset to Read Array. It is not necessary
to program the array with 00h first as the P/E.C. will
automatically do this before erasing it to FFh. Read
operations after the sixth rising edge of W or E
output the Status Register bits. During the execu-
tion of theerase by the P/E.C.,Data Polling bit DQ7
returns ’0’, then ’1’ on completion. The Toggle bits
DQ2 and DQ6 toggle during erase operation and
stop when erase is completed. After completionthe
Status Register bit DQ5 returns ’1’ if there has been
an Erase Failure.
15/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com