Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002B Datasheet(PDF) 3 Page - STMicroelectronics

Part # M29F002B
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002B Datasheet(HTML) 3 Page - STMicroelectronics

  M29F002B Datasheet HTML 1Page - STMicroelectronics M29F002B Datasheet HTML 2Page - STMicroelectronics M29F002B Datasheet HTML 3Page - STMicroelectronics M29F002B Datasheet HTML 4Page - STMicroelectronics M29F002B Datasheet HTML 5Page - STMicroelectronics M29F002B Datasheet HTML 6Page - STMicroelectronics M29F002B Datasheet HTML 7Page - STMicroelectronics M29F002B Datasheet HTML 8Page - STMicroelectronics M29F002B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
(3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltages
–0.6 to 7
V
VCC
Supply Voltage
–0.6 to 7
V
V(A9, E, G, RPNC)
(2)
A9, E, G, RPNC Voltage
–0.6 to 13.5
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not i mplied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other
relevant quality documents.
2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns.
3. Depends on range.
Table 2. Absolute Maximum Ratings (1)
Organisation
The M29F002 is organised as 256K x 8. Memory
control is provided by Chip Enable E, Output En-
able G and Write Enable W inputs.
A Reset/Block Temporary Unprotection RPNC
(NOT available on M29F002NT) tri-level input pro-
vides a hardwarereset when pulled Low, and when
held High (at VID) temporarily unprotects blocks
previously protected allowing them to be progra-
med and erased. Erase and Program operations
are controlled by an internal Program/Erase Con-
troller (P/E.C.).StatusRegister data outputon DQ7
provides a Data Polling signal, and DQ6 and DQ2
provide Toggle signals to indicate the state of the
P/E.C operations.
Memory Blocks
The devices feature asymmetrically blocked archi-
tecture providing system memory integration. The
M29F002 has an array of 7 blocks, one Boot Block
of 16 KBytes, two Parameter Blocks of 8 KBytes,
one Main Block of 32 KBytes and three Main Blocks
of 64 KBytes.
The memory map is shown in Figure 3. Each block
can be erased separately, any combination of
blocks can be specified for multi-block erase or the
entire chip may be erased. The Erase operations
are managedautomaticallyby the P/E.C.The block
erase operation can be suspended in order to read
from or program to any block not being ersased,
and then resumed. Block protection provides addi-
tional data security. Each block can be separately
protectedor unprotectedagainstProgram or Erase
on programming equipment. All previously pro-
tected blocks can be temporarily unprotectedin the
application.
Bus Operations
The following operations can be performed using
the appropriate bus cycles: Read (Array, Electronic
Signature, Block Protection Status), Write com-
mand, Output Disable, Standby, Reset, Block Pro-
t ec t i on, U npr ot ect i on, P ro t e cti on Ver i f y,
Unprotection Verify and Block Temporary Unpro-
tection. See Tables 4 and 5.
Command Interface
Instructions, made up of commands written in cy-
cles, can be given to the Program/EraseController
through a Command Interface (C.I.). For added
data protection, program or erase execution starts
after 4 or 6 cycles. The first, second, fourth and fifth
cycles are used to input Coded cycles to the C.I.
This Coded sequence is the same for all Pro-
gram/Erase Controller instructions. The ’Com-
mand’ itself and its confirmation, when applicable,
are given on the third, fourth or sixth cycles. Any
incorrect command or any improper command se-
quence will reset the device to Read Array mode.
3/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com