Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002B Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29F002B
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29F002B Datasheet HTML 13Page - STMicroelectronics M29F002B Datasheet HTML 14Page - STMicroelectronics M29F002B Datasheet HTML 15Page - STMicroelectronics M29F002B Datasheet HTML 16Page - STMicroelectronics M29F002B Datasheet HTML 17Page - STMicroelectronics M29F002B Datasheet HTML 18Page - STMicroelectronics M29F002B Datasheet HTML 19Page - STMicroelectronics M29F002B Datasheet HTML 20Page - STMicroelectronics M29F002B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Symbol
Alt
Parameter
M29F002T / M29F002NT / M29F002B
Unit
-70
-90
-120
VCC =5V
± 10% VCC =5V ± 10% VCC =5V ± 10%
Standard
Interface
Standard
Interface
Standard
Interface
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address
Valid
70
90
120
ns
tWLEL
tWS
Write Enable Low to Chip
Enable Low
00
0
ns
tELEH
tCP
Chip Enable Low to Chip
Enable High
35
45
50
ns
tDVEH
tDS
Input Valid to Chip Enable High
30
45
50
ns
tEHDX
tDH
Chip Enable High to Input
Transition
55
5
ns
tEHWH
tWH
Chip Enable High to Write
Enable High
00
0
ns
tEHEL
tCPH
Chip Enable High to Chip
Enable Low
20
20
20
ns
tAVEL
tAS
Address Valid to Chip Enable
Low
00
0
ns
tELAX
tAH
Chip Enable Low to Address
Transition
45
45
50
ns
tGHEL
Output Enable High Chip
Enable Low
00
0
ns
tVCHWL
tVCS
VCC High to Write Enable Low
50
50
50
µs
tEHGL
tOEH
Chip Enable High to Output
Enable Low
00
0
ns
tPHPHH
(1,2)
tVIDR
RPNC Rise TIme to VID
500
500
500
ns
tPLPX
tRP
RPNC Pulse Width
500
500
500
ns
Notes: 1. Sample only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Table 16. Write AC Characteristics, Chip Enable Controlled
(TA = 0 to 70
°C or –40 to 85°C)
17/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com