Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002B Datasheet(PDF) 4 Page - STMicroelectronics

Part # M29F002B
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002B Datasheet(HTML) 4 Page - STMicroelectronics

  M29F002B Datasheet HTML 1Page - STMicroelectronics M29F002B Datasheet HTML 2Page - STMicroelectronics M29F002B Datasheet HTML 3Page - STMicroelectronics M29F002B Datasheet HTML 4Page - STMicroelectronics M29F002B Datasheet HTML 5Page - STMicroelectronics M29F002B Datasheet HTML 6Page - STMicroelectronics M29F002B Datasheet HTML 7Page - STMicroelectronics M29F002B Datasheet HTML 8Page - STMicroelectronics M29F002B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Address Range
A17
A16
A15
A14
A13
00000h-0FFFFh
0
0
X
X
X
10000h-1FFFFh
0
1
X
X
X
20000h-2FFFFh
1
0
X
X
X
30000h-37FFFh
1
1
0
X
X
38000h-39FFFh
1110
0
3A000h-3BFFFh
1110
1
3C000h-3FFFFh
1111
X
Table 3A. M29F002T, M29F002NT Block Address Table
Address Range
A17
A16
A15
A14
A13
00000h-03FFFh
0000
X
04000h-05FFFh
0001
0
06000h-07FFFh
0001
1
08000h-0FFFFh
0
0
1
X
X
10000h-1FFFFh
0
1
X
X
X
20000h-2FFFFh
1
0
X
X
X
30000h-3FFFFh
1
1
X
X
X
Table 3B. M29F002B Block Address Table
AI02081C
16K BOOT BLOCK
3FFFFh
3C000h
3BFFFh
3A000h
39FFFh
00000h
8K PARAMETER BLOCK
8K PARAMETER BLOCK
32K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
M29F002T, M29F002NT
38000h
37FFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
00000h
8K PARAMETER BLOCK
8K PARAMETER BLOCK
32K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
M29F002B
10000h
0FFFFh
08000h
07FFFh
06000h
05FFFh
04000h
03FFFh
16K BOOT BLOCK
Figure 3. Memory Map and Block Address Table
4/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com