Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802B Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SC802B
Description  LCD module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802B Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SC802B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 10Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 11Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 12Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 13Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 14Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SC802B
VER2.1
AKIHABARA INC.
Page 14 of 14
b) Power supply
Single Supply Voltage Types
LCM
5V
VDD-VO
VDD
VO
VSS
VDD-VO:LCD driving voltage
GND
10k~20k
VDD
10k~20k
VDD-VO:LCD driving voltage
LCM
VSS
VDD-V0
VO
VDD
+3V
VEE
VDD
Dual Supply Voltage Types
c) Operating example
4-Bit operation and 8-digit 1-line display (using internal reset)
No Instruction
Display
Operation
1 Power on . ( SPLC780A1 starts initializing )
Power on reset. No display.
Function set
RS
R/W
D7
D6
D5
D4
2
0
0
0
0
1
0
Set to 4-bit operation
Function set
0
0
0
0
1
0
3
0
0
0
0
X
X
Set to 4-bit operation and select
1-line display line and character font.
Display on / off control
0
0
0
0
0
0
4
0
1
1
1
0
0
_
Display on. Cursor appears.
Entry mode set
0
0
0
0
0
0
5
0
0
1
1
0
0
_
Increase address by one. It will shift
the cursor to the right when writing to
the DD RAM / CG RAM. Now the
display has no shift.
Write data to CG RAM / DD RAM
1
0
0
1
0
1
6
1
0
0
1
1
1
W_
Write
“W
“.
The
cursor
is
incremented by one and shifted to
the right.
Reset function
At power on, it starts the internal auto-reset circuit and executes the initial instructions .
There are the initial procedures shown as bellows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com