Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC802B
Description  LCD module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC802B Datasheet HTML 1Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SC802B
VER2.1
AKIHABARA INC.
Page 5 of 5
Read Mode (Reading data from LCD module to MPU)
Limit
Characteristics
Symbol
Min.
Typ.Max.
Unit
Test Condition
E Cycle Time
tc
1000
ns
PinE
E Pulse Width
tw
450
ns
PinE
E Rise/Fall Time
tR,tF
25
ns
PinE
Address Setup Time
tsp-i
60
ns
Pins: RS, R/W,E
Address Hold Time
tHD1
20
ns
Pins: RS, R/W,E
Data Output Delay Time
tD
360
ns
Pins: DB7-0
Data hold time
tHD2
5.0
-
-
ns
Pin DB7- 0
b.2) AC CHARACTERISTICS (ta = 25°C, VDD = 4.5 to 5.5V)
Write Mode (Writing Data from MPU to LCD module)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
E Cycle Time
tc
400
ns
PinE
E Pulse Width
tpw
150
-
-
ns
PinE
E Rise/Fall Time
tR,tF
-
-
25
ns
PinE
Address Setup Time
tsp-i
30
ns
Pins: RS, R/W, E
Address Hold Time
tHD1
10
ns
Pins: RS, R/W, E
Data Setup Time
tsP2
40
ns
Pins: DB7-0
Data Hold Time
tHD2
10
-
-
ns
Pins: DB7-0
Read Mode (Reading Data from LCD module to MPU)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
E Cycle Time
tc
400
ns
Pin E
E Pulse Width
tw
150
ns
Pin E
E Rise/Fall Time
tR,tF
25
ns
Pin E
Address Setup Time
tsp-i
30
ns
Pins: RS, R/W,E
Address Hold Time
tHD1
10
ns
Pins: RS, R/W,E
Data Output Delay Time
tD
100
ns
Pins: DB7-0
Data hold time
tHD2
20
-
-
ns
Pin DB7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com