Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC802B
Description  LCD module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC802B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SC802B
VER2.1
AKIHABARA INC.
Page 6 of 6
TIMING CHARACTERISICS
DB 0 ~ DB 7
R/ W
RS
tr
th 1
ts u 2
tc
Va l i d Da t a
th 2
tw
tf
th 1
E
ts u 1
Write Timing
ts u
E
DB 0 ~ DB 7
R/ W
RS
tr
th
tc
V a lid D a ta
td
td h
tw
tf
th
Read Timing
5. Operating Principles
a) Pin description
Pin NO.
Symbol
Level
Function
1
DB6
H/L
2
DB7
H/L
3
DB4
H/L
4
DB5
H/L
Data bits
5
R/W
H/L
H: Read signal L: Write signal
6
E
H→L
enable signal
7
V0
H/L
Variable voltage for LCD
8
RS
H/L
H: Instruction code
L: Data
9
VSS
0V
Ground
10
VDD
2.7V~5.5V
Supply voltage for logic
11
A
4.2V
Supply voltage for LED-Backlight
12
K
0V
Supply voltage for LED-Backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com