Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC802B
Description  LCD module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC802B Datasheet HTML 1Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SC802B
VER2.1
AKIHABARA INC.
Page 3 of 3
1. General description
SC802B, a dot-matrix character LCD module, design for displaying 2 line 8 row characters. Character font
is 5X7 dots with cursor. The SC802B provides two types of interfaces to MPU: 4-bit
SC802B can includes EL or LED backlight for custom design. The custom can design for color of EL or LED
backlight, viewing angle and LCD type.
2. Maximum absolute limit
Characteristics
Symbol
Ratings
Remark
Operating Voltage
VDD
-0.3V to +7.0V
Driver Supply Voltage
VLCD
VDD - 12V to VDD + 0.3V
Input Voltage Range
VIN
-0.3V to VDD + 0.3V
TA1
-10°C to+60°C
Normal temperature LCM
Operating Temperature
Ta2
-20°C to+60°C
Wide temperature LCM
Storage Temperature
TSTO
-25°C to+70°C
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or
damage to the device.
3. Mechanical characteristics
a) Physical data
ITEM
Standard value
Unit
Remark
Number of characters
8×2
Module size
58.0×32.0×13.6
mm
Viewing area
38.00×16.00
mm
Active area
26.93×6.41
mm
Character size
5.62×2.99
mm
Character pith
6.05×3.43
mm
Approx. weight
g
Drive method
1/5bias
1/16 duty
b) External dimensions
26.93
2.54
1.70
1.60
53.00±0.3
58.00±0.5
38.00±0.3
10.00
13.60
44.20±0.3
1.50
0.06
0.43
0.55
4-R1.25
12-R0.50
1
2
12
UNIT: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com