Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6670
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6670 Datasheet HTML 25Page - STMicroelectronics PM6670 Datasheet HTML 26Page - STMicroelectronics PM6670 Datasheet HTML 27Page - STMicroelectronics PM6670 Datasheet HTML 28Page - STMicroelectronics PM6670 Datasheet HTML 29Page - STMicroelectronics PM6670 Datasheet HTML 30Page - STMicroelectronics PM6670 Datasheet HTML 31Page - STMicroelectronics PM6670 Datasheet HTML 32Page - STMicroelectronics PM6670 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
PM6670
Device description
29/53
7.1.4
Mode-of-operation selection
Figure 35. MODE and DDRSEL multifunction pin configurations
The PM6670 has been designed to satisfy the widest range of applications involving
DDR2/3 memories, SSTL15-18 buses termination and I/O supplies for CPU/Chipset. The
device is provided with multilevel pins which allow the user to choose the appropriate
configuration. The MODE pin is used to firstly decide between fixed preset or adjustable
(user defined) output voltages.
When the MODE pin is connected to +5V, the PM6670 allows setting the VDDQ voltage to
1.8V or 1.5V just forcing the DDRSEL multilevel pin to +5V or to ground respectively (see
Figure 35
a).
In this condition the Pulse-Skip feature is enabled. This device configuration is suitable for
standard DDR2/3 memory supply applications avoiding the need for an external, high
accuracy, divider for output voltage setting.
Applications requiring different output voltages can be managed by PM6670 simply setting
the adjustable mode. If MODE pin voltage is higher than 4V, the fixed output mode is
selected. Connecting an external divider to the MODE pin (Figure 35b), it is used as
negative input of the error amplifier and the output voltage is given by expression (21).
Equation 21
PM6670
DDRSEL
MODE
R9
R8
VDDQ
+5V
VREF
PM6670
DDRSEL
MODE
R9
R8
VDDQ
+5V
(a)
(b)
PM6670
DDRSEL
MODE
R9
R8
VDDQ
+5V
VREF
PM6670
DDRSEL
MODE
R9
R8
VDDQ
+5V
(a)
(b)
8
R
9
R
8
R
9
.
0
VDDQ
ADJ
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com