Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PM6670
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PM6670 Datasheet HTML 41Page - STMicroelectronics PM6670 Datasheet HTML 42Page - STMicroelectronics PM6670 Datasheet HTML 43Page - STMicroelectronics PM6670 Datasheet HTML 44Page - STMicroelectronics PM6670 Datasheet HTML 45Page - STMicroelectronics PM6670 Datasheet HTML 46Page - STMicroelectronics PM6670 Datasheet HTML 47Page - STMicroelectronics PM6670 Datasheet HTML 48Page - STMicroelectronics PM6670 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
PM6670
Application information
45/53
Tested low-side MOSFETs are listed in Table 16.
Dual N-MOS can be used in applications with lower output current.
Table 18
shows some suitable dual MOSFETs for applications requiring about 3A.
8.1.5
Diode selection
A rectifier across the synchronous switch is recommended. The rectifier works as a voltage
clamp across the synchronous rectifier and reduces the negative inductor swing during the
dead time between turning the high-side MOSFET off and the synchronous rectifier on.
Moreover it increases the efficiency of the system.
Choose a schottky diode as long as its forward voltage drop is very little (0.3V). The reverse
voltage should be greater than the maximum input voltage VINmax and a minimum recovery
reverse charge is preferable. Table 19 shows some evaluated diodes.
Table 17. Evaluated low-side MOSFETs
Manufacturer
Type
RDSon (mΩ)
CGD \ CGS
Rated reverse voltage (V)
ST
STS12NH3LL
13.5
0.069
30
ST
STS25NH3LL
40
0.011
30
IR
IRF7811
24
0.054
30
Table 18. Suitable dual MOSFETs
Manufacturer
Type
RDSon (mΩ)
Gate Charge (nC)
Rated reverse voltage (V)
ST
STS8DNH3LL
25
10
30
IR
IRF7313
46
33
30
Table 19. Evaluated recirculation rectifiers
Manufacturer
Type
Forward
voltage (V)
Rated reverse
voltage (V)
Reverse current (
µA)
ST
STPS1L30M
0.34
30
0.00039
ST
STPS1L30A
0.34
30
0.00039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com