Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6670
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6670 Datasheet HTML 28Page - STMicroelectronics PM6670 Datasheet HTML 29Page - STMicroelectronics PM6670 Datasheet HTML 30Page - STMicroelectronics PM6670 Datasheet HTML 31Page - STMicroelectronics PM6670 Datasheet HTML 32Page - STMicroelectronics PM6670 Datasheet HTML 33Page - STMicroelectronics PM6670 Datasheet HTML 34Page - STMicroelectronics PM6670 Datasheet HTML 35Page - STMicroelectronics PM6670 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Device description
PM6670
32/53
After a fixed 3ms total time, the soft-start finishes and UVP is released: if the output voltage
doesn't reach the Power-Good lower threshold within soft-start duration, the UVP condition
is detected and the device performs a soft end and latches off. Depending on the load
conditions, the inductor current may or may not reach the nominal value of the current limit
during the soft-start (Figure 38 shows two examples).
7.1.7
Power-Good signal
The PG pin is an open drain output used to monitor output voltage through VSNS (in fixed
output voltage mode) or MODE (in adjustable output voltage mode) pins and is enabled
after the soft-start timer has expired. PG signal is held low if the VDDQ output voltage drops
10% below or rises 10% above the nominal regulated value. The PG output can sink current
up to 4mA.
Figure 38. Soft-start at heavy load (a) and short-circuit (b) conditions, Pulse-Skip enabled
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com