Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM6670
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM6670 Datasheet HTML 29Page - STMicroelectronics PM6670 Datasheet HTML 30Page - STMicroelectronics PM6670 Datasheet HTML 31Page - STMicroelectronics PM6670 Datasheet HTML 32Page - STMicroelectronics PM6670 Datasheet HTML 33Page - STMicroelectronics PM6670 Datasheet HTML 34Page - STMicroelectronics PM6670 Datasheet HTML 35Page - STMicroelectronics PM6670 Datasheet HTML 36Page - STMicroelectronics PM6670 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
PM6670
Device description
33/53
7.1.8
VDDQ output discharge
Active discharge of VDDQ output occurs when PM6670 enters the Suspend-To-Disk system
state (S3 and S5 tied to GND) and DSCG pin has been properly set.
Figure 39. DSCG pin connection for discharge mode selection
The PM6670 allows the user to choose between fast discharge (Tracking Discharge), soft
discharge (Non-Tracking Discharge) or no discharge modes. Voltage on DSCG multilevel
pin determines discharge mode as shown in Table 2 on page 6.
Tracking discharge allows the fastest discharge of all outputs but requires the LDOIN to be
self-supplied from VDDQ output voltage. When an external supply rail is connected to
LDOIN, it must be taken into account to avoid damage to the device. Discharge current (1A)
flows through the LDOIN pin until the output has reached approximately 400mV and then a
soft discharge completes the process by discharging the output with an internal 22
Ω switch.
Figure 40. Fast discharge and soft discharge options
Table 9. Discharge mode selection
DSCG voltage
Soft-End type
Description
VDSCG >4.2V
No Discharge
All outputs left floating.
1V< VDSCG <3.5V
Fast (Tracking)
VDDQ and VTT actively discharged by LDO trough
LDOIN and VTT pins;
VDSCG <0.5V
Soft (Non-Tracking)
All outputs discharged by dedicated internal MOS.
PM6670
DSCG
+5V
VREF
PM6670
DSCG
+5V
VREF
VDDQ
VTT
400mV
Fast discharge
VDDQ
VTT
Soft discharge
Soft discharge
VDDQ
VTT
400mV
Fast discharge
VDDQ
VTT
Soft discharge
Soft discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com