Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # FCX458-HF
Description  Silicon Planar High Voltage Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FCX458-HF Datasheet(HTML) 3 Page - Comchip Technology

  FCX458-HF Datasheet HTML 1Page - Comchip Technology FCX458-HF Datasheet HTML 2Page - Comchip Technology FCX458-HF Datasheet HTML 3Page - Comchip Technology FCX458-HF Datasheet HTML 4Page - Comchip Technology FCX458-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QW-JTR126
Page 3
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Silicon Planar High Voltage Transistor
Rating and Characteristic Curves (FCX458-HF)
Collector Current, IC (mA)
Collector Current, IC (mA)
1000
Fig.1 - hFE ― IC
1
10
100
1000
100
10
0.4
1.0
0
0.2
0.8
0.6
Fig.2 - VBE(sat) ― IC
1
10
100
1000
VCE=10V
25°C
125°C
-55°C
100°C
0.3
0.9
0.1
0.7
0.5
IC/IB=10
100°C
25°C
-55°C
125°C
0.4
1.0
0
0.2
0.8
0.6
Fig.5 - VBE(on) ― IC
1
10
100
1000
VCE=10V
Collector Current, IC (mA)
0.3
0.9
0.1
0.7
0.5
100°C
25°C
-55°C
125°C
1
10
100
0.1
Fig.3 - VCE(sat) ― IC
1000
IC/IB=50
1
10
100
Fig.4 - VCE(sat) ― IC
1000
Collector Current, IC (mA)
Collector Current, IC (mA)
100
10
25°C
0.01
1
10
0.1
1
125°C
100°C
25°C
-55°C
IC/IB=10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com