Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # FCX458-HF
Description  Silicon Planar High Voltage Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FCX458-HF Datasheet(HTML) 1 Page - Comchip Technology

  FCX458-HF Datasheet HTML 1Page - Comchip Technology FCX458-HF Datasheet HTML 2Page - Comchip Technology FCX458-HF Datasheet HTML 3Page - Comchip Technology FCX458-HF Datasheet HTML 4Page - Comchip Technology FCX458-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCX458-HF (NPN)
RoHS Device
Silicon Planar High Voltage Transistor
QW-JTR126
Page 1
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Halogen Free
Features
- 400V VCEO.
Mechanical data
- Case: SOT-89, molded plastic.
- Mounting position: Any.
- 225A continuous current.
Maximum Ratings (at TA=25°C unless otherwise noted)
Parameter
Value
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current-continuous
VCBO
VCEO
VEBO
IC
400
400
5
225
V
V
V
mA
Symbol
Junction and storage temperature range
TJ ,TSTG
-65 to +150
°C
Power dissipation
PD
1
W
Peak pulse current
ICM
500
mA
SOT-89
Dimensions in inches and (millimeter)
0.185(4.70)
0.169(4.30)
0.171(4.35)
0.156(3.95)
0.071(1.80)
0.063(1.60)
0.104(2.65)
0.089(2.25)
0.043(1.10)
0.035(0.90)
0.067(1.70)
0.051(1.30)
0.063(1.60)
0.055(1.40)
0.020(0.50)
0.012(0.30)
0.020(0.50)
0.012(0.30)
0.023(0.58)
0.015(0.38)
1
3
2
Circuit Diagram
Collector
3
2
Emitter
1
Base
1. Base
2. Emitter
3. Collector


Similar Part No. - FCX458-HF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX458 ZETEX-FCX458 Datasheet
18Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FCX458 DIODES-FCX458 Datasheet
29Kb / 1P
SOT89 NPN SILICON PLANAR
OCTOBER 1995
FCX458 DIODES-FCX458 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 1996
FCX458 DIODES-FCX458 Datasheet
25Kb / 2P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
More results

Similar Description - FCX458-HF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST16 ZETEX-BST16 Datasheet
12Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT560 ZETEX-FZT560 Datasheet
41Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT758 ZETEX-FZT758 Datasheet
92Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FXTA92 ZETEX-FXTA92 Datasheet
26Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSA884 TSC-TSA884 Datasheet
334Kb / 4P
PNP Silicon Planar High Voltage Transistor
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
NPN Silicon Planar High Voltage Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com