Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # FCX458-HF
Description  Silicon Planar High Voltage Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FCX458-HF Datasheet(HTML) 5 Page - Comchip Technology

  FCX458-HF Datasheet HTML 1Page - Comchip Technology FCX458-HF Datasheet HTML 2Page - Comchip Technology FCX458-HF Datasheet HTML 3Page - Comchip Technology FCX458-HF Datasheet HTML 4Page - Comchip Technology FCX458-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QW-JTR126
Page 5
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Silicon Planar High Voltage Transistor
Marking Code
Marking Code
Part Number
FCX458-HF
N58
N58
Suggested P.C.B. PAD Layout
SOT-89
SIZE
A
(mm)
(inch)
C
C
D
E
E
A
A
B
45°
45°
B
C
D
E
0.90
2.20
1.00
1.50
1.50
0.035
0.087
0.039
0.059
0.059
Standard Packaging
SOT-89
Case Type
REEL PACK
REEL
(pcs)
Reel Size
(inch)
7
1,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com