Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # FCX458-HF
Description  Silicon Planar High Voltage Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FCX458-HF Datasheet(HTML) 2 Page - Comchip Technology

  FCX458-HF Datasheet HTML 1Page - Comchip Technology FCX458-HF Datasheet HTML 2Page - Comchip Technology FCX458-HF Datasheet HTML 3Page - Comchip Technology FCX458-HF Datasheet HTML 4Page - Comchip Technology FCX458-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Emitter cut-off current
100
V
V
V
nA
V(BR)CEO
V(BR)CBO
V(BR)EBO
IEBO
IC = 10mA, IB = 0
IC = 100μA, IE = 0
IE = 100μA, IC = 0
VCES = 320V
Min
400
400
5
Collector-emitter cut-off current
DC current gain
100
300
ICES
hFE(1)
VEB = 4V
100
hFE(2)
100
Collector cut-off current
100
ICBO
VCB = 320V
VCE = 10V, IC = 1mA
VCE = 10V, IC = 50mA
nA
nA
hFE(3)
VCE = 10V, IC = 100A
15
Collector-emitter saturation voltage
0.2
V
VCE(sat)1
IC = 20mA, IB = 2mA
VCE(sat)2
IC = 50mA, IB = 6mA
Base-emitter saturation voltage
0.9
V
VBE(sat)
Transition frequency
fT
VCE = 20V, IC = 10mA, f = 20MHz
50
MHz
IC = 50mA, IB = 5mA
Base-emitter turn-on voltage
Collector output capacitance
Cob
VBE(on)
IC = 50mA, VCE = 10V
VCB = 20V, f = 1MHz
V
pF
5
0.9
0.5
QW-JTR126
Page 2
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Silicon Planar High Voltage Transistor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com