Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2321 Datasheet HTML 11Page - Monolithic Power Systems MP2321 Datasheet HTML 12Page - Monolithic Power Systems MP2321 Datasheet HTML 13Page - Monolithic Power Systems MP2321 Datasheet HTML 14Page - Monolithic Power Systems MP2321 Datasheet HTML 15Page - Monolithic Power Systems MP2321 Datasheet HTML 16Page - Monolithic Power Systems MP2321 Datasheet HTML 17Page - Monolithic Power Systems MP2321 Datasheet HTML 18Page - Monolithic Power Systems MP2321 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.1
www.MonolithicPower.com
15
5/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Pre-Bias Start-Up
The MP2321 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the BST
voltage is refreshed and charged, and the
voltage on the soft-start capacitor is charged as
well. If the BST voltage exceeds its rising
threshold voltage, and the soft-start capacitor
voltage exceeds the sensed output voltage at
FB, the MP2321 begins working.
Power Good (PG)
PG is an open drain output. PG requires a pull-
up resistor (e.g.: 100kΩ). PG is pulled to GND
before SS is ready. After the FB voltage
reaches 90% of VREF, PG is pulled high after a
140μs delay. When the FB voltage drops below
85% of VREF, PG is pulled low.
Note: If PG is pulled up to an external voltage,
PG will not de-assert (Logic low) if EN is low or
if Vin < 0.8V (typ). If PG is pulled up to the VCC
pin, PG will de-assert (Logic low) if either EN is
Low or if Vin < 0.8V (typ). If connecting two or
more PG together, please refer to Application
section.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP2321 has a cycle-by-cycle over-current
limit control. During HS-FET on, the inductor
current is monitored. When the sensed inductor
current reaches the peak current limit, the HS
limit comparator is triggered. The MP2321
enters over-current protection (OCP) mode
immediately, turns the HS-FET off, and turns
the LS-FET on. Meanwhile, the output voltage
drops until VFB is below the under-voltage (UV)
threshold, typically 50% below the reference.
Once UV is triggered, the MP2321 enters
hiccup mode to restart the part periodically.
During OCP, the device attempts to recover
from the over-current fault with hiccup mode. In
hiccup mode, the chip disables the output
power stage, discharges the soft-start capacitor,
and attempts to soft start again automatically. If
the over-current condition still remains after the
soft start ends, the device repeats this
operation cycle until the over-current condition
is removed and the output rises back to the
regulation level. OCP is a non-latch protection.
Enable (EN) Control
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator; drive EN low to turn off the
regulator. An internal 1MΩ resistor from EN to
GND allows EN to be floated to shut down the
chip.
EN is clamped internally using a 6.5V series
Zener diode. Connect the EN input through a
pull-up resistor to the voltage on VIN. The pull-
up resistance must be large enough to limit the
EN current below 100µA. For example, with
12V connected to VIN, RPULLUP ≥ (12V - 6.5V) ÷
100µA = 55kΩ.
Connecting EN to a voltage source directly
without a pull-up resistor requires limiting the
amplitude of the voltage below 6V to prevent
damage to the Zener diode.
Under-Voltage Lockout (UVLO) Protection
The
MP2321
has
under-voltage
lockout
protection (UVLO). When the input voltage is
higher than the UVLO rising threshold voltage,
the MP2321 powers up. The MP2321 shuts off
when the input voltage is lower than the UVLO
falling threshold voltage. This is a non-latch
protection.
Thermal Shutdown
The MP2321 employs thermal shutdown by
monitoring the junction temperature of the IC
internally. If the junction temperature exceeds
the threshold value (typically 150°C), the
converter shuts off. This is a non-latch
protection. There is a hysteresis of about 20°C.
Once the junction temperature drops below
130°C, the MP2321 starts up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com