Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2321 Datasheet HTML 8Page - Monolithic Power Systems MP2321 Datasheet HTML 9Page - Monolithic Power Systems MP2321 Datasheet HTML 10Page - Monolithic Power Systems MP2321 Datasheet HTML 11Page - Monolithic Power Systems MP2321 Datasheet HTML 12Page - Monolithic Power Systems MP2321 Datasheet HTML 13Page - Monolithic Power Systems MP2321 Datasheet HTML 14Page - Monolithic Power Systems MP2321 Datasheet HTML 15Page - Monolithic Power Systems MP2321 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.1
www.MonolithicPower.com
12
5/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP2321 is a fully-integrated, synchronous,
rectified, step-down, switch-mode converter.
The MP2321 uses constant-on-time (COT)
control to provide fast transient response and
easy loop compensation. Figure 2 shows the
simplified ramp compensation block.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns on whenever the
ramp voltage (VRamp) is lower than the error
amplifier output voltage (VEAO), which indicates
insufficient output voltage. The input voltage
and the frequency-set resistor determine the
high-side MOSFET turn-on time (TON). After the
on period elapses, the HS-FET enters the off
state. By cycling HS-FET between the on and
off states, the converter regulates the output
voltage. The integrated low-side MOSFET (LS-
FET) turns on when the HS-FET is off to
minimize conduction loss. Shoot-through occurs
when the HS-FET and LS-FET are both turned
on at the same time, causing a dead short
between the input and GND. Shoot-through
reduces efficiency dramatically. The MP2321
prevents shoot-through by generating a dead-
time (DT) internally between HS-FET off and
LS-FET on, and LS-FET off and HS-FET on.
The MP2321 enters either heavy-load operation
or light-load operation depending on the output
current.
Figure 2: Simplified Ramp Compensation Block
MODE Selection
Connect a resistor (R6) from FREQ/MODE to
VIN to set the switching frequency and operate
the MP2321 in forced pulse-width modulation
(PWM) mode (see Figure 3). Connect a resistor
(R7) from FREQ/MODE to GND to set the
switching frequency and operate the MP2321 in
auto PWM or pulse-frequency modulation (PFM)
mode.
Figure 3: Mode Selection
Switching Frequency
The MP2321 uses constant-on-time (COT)
control. There is no dedicated oscillator in the
IC. The input voltage is forward fed into the on-
time one-shot timer through the frequency
resistor. The duty ratio is kept as VOUT/VIN, and
the switching frequency is fairly constant over
the input voltage range. The approximate
typical switching frequency can be determined
with Equation (1):
6
SW
IN
on
OUT
10
F(KHz)
V(V)
T(ns)
V(V)
(1)
TON is slightly different in forced PWM mode
and auto PFM/PWM mode. Approximate the
typical TON value in forced PWM mode with
Equation (2):
FREQ
ON _ PWM
DELAY _ PWM
IN
14.5 R
(k )
TT
(ns)
V(V) 0.4

(2)
Approximate the typical TON value in auto
PFM/PWM mode with Equation (3):
FREQ
ON _ PFM
DELAY _ PFM
IN
13 R
(k )
TT
(ns)
V(V) 0.4

(3)
Where TDELAY_PWM and TDELAY_PFM are the
comparator delay. The typical values are
approximately 15ns and 10ns, respectively.
When
the
MP2321
enters
continuous
conduction mode (CCM), the duty ratio changes
slightly from light load to full load due to the
power loss. The frequency changes slightly
from light load to full load, even in CCM.
Because of the minimum on time and minimum
off time, the switching frequency is limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com