Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2321 Datasheet HTML 15Page - Monolithic Power Systems MP2321 Datasheet HTML 16Page - Monolithic Power Systems MP2321 Datasheet HTML 17Page - Monolithic Power Systems MP2321 Datasheet HTML 18Page - Monolithic Power Systems MP2321 Datasheet HTML 19Page - Monolithic Power Systems MP2321 Datasheet HTML 20Page - Monolithic Power Systems MP2321 Datasheet HTML 21Page - Monolithic Power Systems MP2321 Datasheet HTML 22Page - Monolithic Power Systems MP2321 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.1
www.MonolithicPower.com
19
5/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient layout of the switching power supplies
is critical for stable operation. A poor layout
design can result in poor line or load regulation
and stability issues. For best results, refer to
Figure 14 and follow the guidelines below.
1. Place the high current paths (GND, IN, and
SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to IN and
GND as possible.
3. Place the mode/frequency circuit close to
the part.
4. Place the external feedback resistors next
to FB.
5. Keep the switching node (SW) short and
away from the feedback network.
For better performances, it is recommended to
use four-layer boards. Figure 14 shows the top
and bottom layers (Inner 1 and Inner 2 are both
GND).
sw
VOUT
GND
VIN
R1
R2
GND
C1A
C1B
C2A
C2B
R5
R7
R6
C3
C4
Rb
Cb
R3
L
C1
Figure 14: Sample Board Layout
Design Example
Table 3 shows a design example when ceramic
capacitors are applied.
Table 3: Design Example
VIN
12V
VOUT
1.2V
IOUT
2A
The detailed application schematic is shown in
Figure 15 through Figure 21. The typical
performance and waveforms are shown in the
Typical Characteristics section. For more
devices applications, please refer to the related
evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com