Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2321 Datasheet HTML 13Page - Monolithic Power Systems MP2321 Datasheet HTML 14Page - Monolithic Power Systems MP2321 Datasheet HTML 15Page - Monolithic Power Systems MP2321 Datasheet HTML 16Page - Monolithic Power Systems MP2321 Datasheet HTML 17Page - Monolithic Power Systems MP2321 Datasheet HTML 18Page - Monolithic Power Systems MP2321 Datasheet HTML 19Page - Monolithic Power Systems MP2321 Datasheet HTML 20Page - Monolithic Power Systems MP2321 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.1
www.MonolithicPower.com
17
5/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Selecting the Inductor
An inductor is necessary to supply constant
current to the output load while being driven by
the switched input voltage. An inductor with a
larger value results in less ripple current and
lower output ripple voltage. However, a larger
inductor also has a larger physical footprint,
higher series resistance, and lower saturation
current. A good rule for determining the
inductance value is to design the peak-to-peak
ripple current in the inductor to be 30% to 40%
of the maximum output current and the peak
inductor current to be below the maximum
switch current limit. The inductance value can
be calculated with Equation (14):
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
 

(14)
Where ∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current. The peak
inductor
current can
be
calculated
with
Equation (15):
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V

 
(15)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. Ceramic capacitors are recommended
for the best performance and should be placed
as close to VIN as possible. Capacitors with
X5R
and
X7R
ceramic
dielectrics
are
recommended because they are fairly stable
with temperature fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated with Equation (16):
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV

 
(16)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (17):
OUT
CIN
I
I
2
(17)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is
an input voltage ripple requirement in the
system, choose an input capacitor that meets
the specification.
The input voltage ripple can be estimated with
Equation (18):
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
FC
V
V

 
(18)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (19):
OUT
IN
SW
IN
I
1
V
4F
C
 
(19)
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic or POSCAP
capacitors are recommended. The output
voltage ripple can be estimated with Equation
(20):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C

 

(20)
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is caused mainly by the
capacitance. For simplification, the output
voltage ripple can be estimated with Equation
(21):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8F
L C
V

 
 
(21)
The output voltage ripple caused by the ESR is
very small. Therefore, an external ramp is
needed to stabilize the system. The external
ramp can be generated through the capacitor
Cr.
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (22):
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
FL
V

 
(22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com