Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCL
Description  Long Side Termination Thick Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCL Datasheet(HTML) 4 Page - Vishay Siliconix

  RCL Datasheet HTML 1Page - Vishay Siliconix RCL Datasheet HTML 2Page - Vishay Siliconix RCL Datasheet HTML 3Page - Vishay Siliconix RCL Datasheet HTML 4Page - Vishay Siliconix RCL Datasheet HTML 5Page - Vishay Siliconix RCL Datasheet HTML 6Page - Vishay Siliconix RCL Datasheet HTML 7Page - Vishay Siliconix RCL Datasheet HTML 8Page - Vishay Siliconix RCL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 20-Oct-2025
4
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Single Pulse (1)
Maximum pulse load, single pulse; applicable if
and n < 1000 and
≤ max.;
for permissible resistance change equivalent to 8000 h operation
Continuous Pulse (1)
Maximum pulse load, continuous pulses; applicable if
≤ P (
ϑamb) and
≤ max.;
for permissible resistance change equivalent to 8000 h operation
Pulse Voltage (1)
Maximum pulse voltage, single and continuous pulses; applicable if
≤ max.;
for permissible resistance change equivalent to 8000 h operation
Note
(1)
Pulse diagram under review to match upgraded rated dissipation and operating voltage
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t
i - Pulse Duration (s)
RCL0612
RCL1218
RCL1225
RCL0406
RCL1020 in work
P
0
→
Uˆ
Uˆ
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t
i - Pulse Duration (s)
RCL0612
RCL1218
RCL1225
RCL0406
RCL1020 in work
P
Uˆ
Uˆ
10
100
1000
10000
0
100
200
300
400
500
600
700
800
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
t
i - Pulse Duration (s)
RCL1020, RCL1218, RCL1225
RCL0612
RCL0406
Pˆ Pˆ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com