Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCL
Description  Long Side Termination Thick Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCL Datasheet(HTML) 2 Page - Vishay Siliconix

  RCL Datasheet HTML 1Page - Vishay Siliconix RCL Datasheet HTML 2Page - Vishay Siliconix RCL Datasheet HTML 3Page - Vishay Siliconix RCL Datasheet HTML 4Page - Vishay Siliconix RCL Datasheet HTML 5Page - Vishay Siliconix RCL Datasheet HTML 6Page - Vishay Siliconix RCL Datasheet HTML 7Page - Vishay Siliconix RCL Datasheet HTML 8Page - Vishay Siliconix RCL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 20-Oct-2025
2
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The temperature coefficient of resistance (TCR) is not specified for 0
Ω jumpers
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
RCL0406 e3
± 200 ppm/K
± 5 %
1
Ω to 1 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 1 MΩ
E24; E96
Jumper,
Imax. = 4 A
≤ 10 mΩ
0
Ω
-
RCL0612 e3
± 200 ppm/K
± 5 %
1
Ω to 1 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 1 MΩ
E24; E96
Jumper,
Imax. = 6 A
≤ 10 mΩ
0
Ω
-
RCL1020 e3
± 200 ppm/K
± 5 %
1
Ω to 1 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 1 MΩ
E24; E96
Jumper,
Imax. = 10 A
≤ 10 mΩ
0
Ω
-
RCL1218 e3
± 200 ppm/K
± 5 %
1
Ω to 2.2 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 2.2 MΩ
E24; E96
Jumper,
Imax. = 7 A
≤ 20 mΩ
0
Ω
-
RCL1225 e3
± 200 ppm/K
± 5 %
1
Ω to 1 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 1 MΩ
E24; E96
Jumper,
Imax. = 12 A
≤ 10 mΩ
0
Ω
-
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
RCL0406 e3
EA = ET1
5000
Paper tape acc. to
IEC 60286-3, Type 1a
8 mm
4 mm
Ø 180 mm/7"
EC = ET6
20 000
Ø 330 mm/13"
RCL0612 e3
EA = ET1
5000
4 mm
Ø 180 mm/7"
EC = ET6
20 000
Ø 330 mm/13"
RCL1020 e3
EF = E02
4000
Blister tape acc. to
IEC 60286-3, Type 2a
12 mm
4 mm
Ø 180 mm/7"
RCL1218 e3
EK = ET9
4000
RCL1225 e3
EG = E67
2000
8 mm
EH = E82
4000
4 mm
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: RCL061210K0FKEA
Part Number: RCL06120000Z0EA
MODEL
RESISTANCE
TOLERANCE
TCR
PACKAGING
RCL0406
RCL0612
RCL1020
RCL1218
RCL1225
R = decimal
K = thousand
M = million
0000 = jumper
F = ± 1 %
J = ± 5 %
Z = jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
0 = jumper
EA, EC, EF, EG, EH, EK
Product Description: RCL0612 100 10K 1 % ET1 e3
Product Description: RCL0612 0R0 ET1 e3
RCL0612
100
10K
1 %
ET1
e3
MODEL
TCR
RESISTANCE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
RCL0406
RCL0612
RCL1020
RCL1218
RCL1225
± 100 ppm/K
± 200 ppm/K
10R = 10
Ω
1K = 1 k
Ω
10K = 10 k
Ω
1M0 = 1 M
Ω
0R0 = jumper
± 1 %
± 5 %
ET1, ET6, ET9,
E02, E67, E82
e3 = pure tin
termination
finish
R
C
L
0
6
1
2
1
0
K
0
F
E
A
K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com