Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # RCL
Description  Long Side Termination Thick Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCL Datasheet(HTML) 5 Page - Vishay Siliconix

  RCL Datasheet HTML 1Page - Vishay Siliconix RCL Datasheet HTML 2Page - Vishay Siliconix RCL Datasheet HTML 3Page - Vishay Siliconix RCL Datasheet HTML 4Page - Vishay Siliconix RCL Datasheet HTML 5Page - Vishay Siliconix RCL Datasheet HTML 6Page - Vishay Siliconix RCL Datasheet HTML 7Page - Vishay Siliconix RCL Datasheet HTML 8Page - Vishay Siliconix RCL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 20-Oct-2025
5
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Derating
10
100
1000
10000
0
0.5
1.0
1.5
2.0
2.5
-50
0
50
100
150
Axis Title
ϑ
amb - Ambient Temperature (°C)
70
RCL0406
RCL0612, RCL1020, RCL1218
RCL1225
10
100
1000
10000
0
0.5
1.0
1.5
3.0
3.5
-70
-30
-10
10
30
50
90
130
150
Axis Title
ϑ
t - Terminal Part Temperature (°C)
-50
150
115
50
0
RCL1020, RCL1225
100
2.5
2.0
RCL0406
RCL0612
RCL1218



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com