Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCL
Description  Long Side Termination Thick Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCL Datasheet(HTML) 1 Page - Vishay Siliconix

  RCL Datasheet HTML 1Page - Vishay Siliconix RCL Datasheet HTML 2Page - Vishay Siliconix RCL Datasheet HTML 3Page - Vishay Siliconix RCL Datasheet HTML 4Page - Vishay Siliconix RCL Datasheet HTML 5Page - Vishay Siliconix RCL Datasheet HTML 6Page - Vishay Siliconix RCL Datasheet HTML 7Page - Vishay Siliconix RCL Datasheet HTML 8Page - Vishay Siliconix RCL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 20-Oct-2025
1
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Long Side Termination Thick Film Chip Resistors
LINKS TO ADDITIONAL RESOURCES
RCL e3 resistors series are the perfect choice for most fields
of
power
measurement
electronics
where
reliability,
stability, power dissipation, and robust design is of major
concern.
Typical applications include power electronics in automotive
and industrial appliances.
FEATURES
• Enhanced power rating
• Long side terminations
• Enhanced thermal cycling performance
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Industrial
• Commercial
Notes
(1) Please refer to APPLICATION INFORMATION below
(2) Specified power rating requires dedicated mounting conditions to achieve the required thermal resistance
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime.
333
DDD3 D
3D Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
RCL0406 e3
RCL0612 e3
RCL1020 e3
RCL1218 e3
RCL1225 e3
Imperial size
0406
0612
0612
1020
1218
1225
Metric size code
RR1016M
RR1632M
RR1632M
RR2550M
RR3246M
RR3263M
Resistance range
1
Ω to 1 MΩ;
jumper (0
Ω)
1
Ω to 39.2 kΩ;
jumper (0
Ω)
40.2 k
Ω to 1 MΩ
1
Ω to 1 MΩ;
jumper (0
Ω)
1
Ω to 2.2 MΩ;
jumper (0
Ω)
1
Ω to 1 MΩ;
jumper (0
Ω)
Resistance tolerance
± 5 %; ± 1 %
Temperature coefficient
± 200 ppm/K; ± 100 ppm/K
Rated dissipation,
P70 (1)
0.25 W
1.0 W (2)
1.0 W (2)
1.0 W
1.0 W
2.0 W
Rated dissipation,
P
0.5 W
1.5 W
3.0 W
2.5 W
3.0 W
at terminal part temperature
115 °C
Operating voltage,
Umax. ACRMS/DC
50 V
200 V
75 V
200 V
200 V
200 V
Permissible film temperature,
ϑF max. (1)
155 °C
Operating temperature range
-55 °C to +155 °C
Max. resistance change at
P70
for resistance range, |
ΔR/R| after:
1000 h
≤ 1.0 %
8000 h
≤ 2.0 %
Permissible voltage against ambient
(insulation):
1 min,
Uins
100 V
100 V
100 V
300 V
300 V
300 V
Failure rate: FITobserved
≤ 0.1 x 10-9/h


Similar Part No. - RCL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RCL OHMITE-RCL Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Raltron Electronics Cor...
RCL-MB3C7-17072-1M-H-001 RALTRON-RCL-MB3C7-17072-1M-H-001 Datasheet
173Kb / 1P
CEILING ANTENNA
logo
Vishay Siliconix
RCL0406 VISHAY-RCL0406 Datasheet
113Kb / 6P
Long Side Termination Thick Film Chip Resistors
15-Apr-13
RCL0612 VISHAY-RCL0612 Datasheet
113Kb / 6P
Long Side Termination Thick Film Chip Resistors
15-Apr-13
logo
Infineon Technologies A...
RCL06121M00JNEA INFINEON-RCL06121M00JNEA Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
More results

Similar Description - RCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Vishay Siliconix
RCL1225 VISHAY-RCL1225 Datasheet
113Kb / 6P
Long Side Termination Thick Film Chip Resistors
15-Apr-13
RCL1218100RFKEK VISHAY-RCL1218100RFKEK Datasheet
113Kb / 6P
Long Side Termination Thick Film Chip Resistors
15-Apr-13
RCLE3 VISHAY-RCLE3 Datasheet
95Kb / 6P
Long Side Termination Thick Film Chip Resistors
21-Aug-14
RCA-LSE3 VISHAY-RCA-LSE3 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
RCA-LSE3 VISHAY-RCA-LSE3_V01 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
RCLE3 VISHAY-RCLE3_V01 Datasheet
161Kb / 9P
Long Side Termination Thick Film Chip Resistors
17-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com