Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMAJ
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMAJ Datasheet(HTML) 1 Page - STMicroelectronics

  SMAJ Datasheet HTML 1Page - STMicroelectronics SMAJ Datasheet HTML 2Page - STMicroelectronics SMAJ Datasheet HTML 3Page - STMicroelectronics SMAJ Datasheet HTML 4Page - STMicroelectronics SMAJ Datasheet HTML 5Page - STMicroelectronics SMAJ Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
SMAJ
TRANSIL™
REV. 8
K
K
K
K
K
K
K
K
A
A
A
A
A
A
A
A
Unidirectional
Bidirectional
SMA
(JEDEC DO-214AC)
February 2006
FEATURES
■ Peak Pulse Power : 400 W (10/1000µs)
■ Stand off voltage range:
From 5V to 188V
■ Uni and Bidirectional types
■ Low clamping factor
■ Fast response time
■ JEDEC registered package outline
DESCRIPTION
The SMAJ series are TRANSILTM diodes de-
signed specifically for protecting sensitive equip-
ment against transient overvoltages. The SMA
package allows save spacing on high density
printed circuit boards.
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied IC’s.
Table 2: Absolute Maximum Rating (Tamb = 25°C)
Table 3: Thermal Resistances
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
400
W
P
Power dissipation on infinite heatsink
Tamb = 50°C
3.3
W
IFSM
Non repetitive surge peak forward
current for unidirectional types
tp = 10 ms
Tj initial = Tamb
40
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-65 to 175
150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Note 1: for a surge greater than the maximum values, the diode will fail in short-circuit.
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
30
°C/W
Rth(j-a) Junction to ambient on printed circuit on recommended pad layout
120
°C/W
Table 1: Order Codes
Part Number
Marking
SMAJxxxA-TR
See page 2
SMAJxxxCA-TR
See page 2


Similar Part No. - SMAJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ JGD-SMAJ Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ EIC-SMAJ Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMAJ UNIOHM-SMAJ Datasheet
342Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMAJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
TRANSIL?
Mar-2003
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com