Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMAJ
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMAJ Datasheet(HTML) 5 Page - STMicroelectronics

  SMAJ Datasheet HTML 1Page - STMicroelectronics SMAJ Datasheet HTML 2Page - STMicroelectronics SMAJ Datasheet HTML 3Page - STMicroelectronics SMAJ Datasheet HTML 4Page - STMicroelectronics SMAJ Datasheet HTML 5Page - STMicroelectronics SMAJ Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMAJ
5/6
Figure 12: SMA Package Mechanical Data
Figure 13: Foot print dimensions (millimeters)
Figure 14: Marking
E
C
L
E1
D
A1
A2
b
1.67
4.94
1.73
1.48
1.73
y w w
e3
z
x x x
E : ECOPACK ( Leadfree ) mention
XXX : Marking
Z : Manufacturing location
Y : Year
WW : week
Cathode bar ( unidirectional
devices only )
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.03
0.075
0.080
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
Table 5: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
SMAJxxxA-TR
See page 2
SMA
0.068 g
5000
Tape & reel
SMAJxxxCA-TR
See page 2
SMA
0.068 g
5000
Tape & reel
Table 6: Revision History
Date
Revision
Description of Changes
September-1998
5B
Previous update.
02-Aug-2004
6
SMA package dimensions update. Reference A1 max.
changed from 2.70mm (0.106inc.) to 2.03mm (0.080).
10-Dec-2004
7
Template layout update. No content change.
10-Feb-2006
8
Added unidirectional marking on cover page and
Figure 14. Changed Figure 13. Foot print.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com